Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC102 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC102
Description  Two-axis precision servo controller module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC102 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Description
The AMC102 is a Eurocard-sized two-axis motion controller bringing unique features to
both traditional Azimuth/Elevation and X-Y type tracking heads. The system has been
designed from the ground up with performance in mind. Unlike some other controllers,
the system can perform axis tracking whilst executing other tasks such as host
command invocation (including position requests), time and station position
determination and the normal limit sensor monitoring.
Servo Motor Control Processor
The AMC102 is a stand-alone unit which directly interfaces to servo motor amplifiers,
axis position encoders and axis limit sensors. The AMC102 incorporates separate servo
motor tracking loops for each axis and is controlled by a host computer via a single
RS232 (or RS422) serial port interface.
All tracking events, including position requests, are time tagged with a resolution of
1mS. The AMC102 can accept commands and return axis information whilst
simultaneously performing all tracking functions. The system has a look-ahead table
driven mode of tracking which supports host machines which are not able to process
requests in real time.
A brief summary of the controller's capabilities are listed below:-
•
Twin Axis - stackable.
•
Fast axis tracking response (less than 2mS tracking loop time per channel).
•
On board profile generator for object tracking and manual control modes (10mS
update rate).
•
Time tagged position requests (1mS resolution).
•
Time tagged current position returns (1mS resolution).
•
Differential quadrature encoder inputs for axis position determination.
•
GPS resolution of station position and time (UTC).
•
Independent differential voltage feeds for servo amplifiers (12 bit DAC).
AMC102-031111 Two-axis precision servo controller module
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com