Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC102 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMC102
Description  Two-axis precision servo controller module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC102 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AMC102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dimensional Outline & Connections
Connector
Type
Function
A -
RJ45/8
Serial communication with host computer and
1PPS clock
B -
RJ45/8
Y-Axis position encoder feedback
C -
RJ45/8
X-Axis position encoder feedback
D -
RJ45/8
Y-Axis velocity encoder feedback
E -
RJ45/8
X-Axis velocity encoder feedback
F -
RJ45/8
Programmable event or alarm relays (2-off)
Programming Port
0.1” 10-way pin header
Used for factory loading of CPU software
Motor Axis Control X-Axis
0.1” 15-way pin header
Amplifier drive and brake control
Motor Axis Control Y-Axis
0.1” 15-way pin header
Amplifier drive and brake control
AMC102-031111 Two-axis precision servo controller module
Page 7 of 7
153.67
Motor Control
Y -Axis
Motor Control
X -Axis
F
E
D
C
B
A
Alarm/prog
rammed
event O/P
Vel. Enc.
X-axis
Vel. Enc.
Y-axis
Posn. Enc.
X-axis
Posn. Enc.
Y-axis
RS422
Command
& 1PPS
Firmware
Programming
Port
4-off
M3 clearance
fixing holes
18.5
ANTRAK
AMC102
D.C.
Supply IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com