Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC102
Description  Two-axis precision servo controller module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC102 Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC102 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMC102
AMC102 Two-axis precision servo controller module
Applications
•
X-Y or Az-El antenna positioning systems
•
General motion control/servo systems
•
Programmed track motion systems
Features
•
Manual move or Table track modes
•
Real-time position and velocity reporting
•
Interpolative tracking algorithm
•
On-board tracking table storage
•
Environmental monitoring sensors
•
Relays for audible & visual warning alarms
•
Dedicated RS422 1Hz clock input (e.g. from GPS)
•
Emergency stop facility
•
Non-volatile storage of servo constants
•
On-board velocity profile generator
1
AMC102-031111 Two-axis precision servo controller module
Page 1 of 7
Y-Axis
Amplifier
X-Axis
Amplifier
AMC102
2-Axis
Motion
Controller
Motor
Gear-
box
Motor
Gear-
box
Velocity Encoder
Velocity Encoder
Position Encoder
Position Encoder
Velocity Feedback
Position Feedback
Position Feedback
Velocity Feedback
GPS
Rx
Host
Computer
Audible / Visual
Warnings


Similar Part No. - AMC102

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AMC100 CONQUER-AMC100 Datasheet
473Kb / 1P
Suitable for the telecommunications industry
logo
Texas Instruments
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
763Kb / 32P
Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
More results

Similar Description - AMC102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
Two-Axis Magnetic Sensors
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
Agamem Microelectronic ...
AA51880 AGAMEM-AA51880 Datasheet
387Kb / 10P
SERVO MOTOR CONTROLLER
AA51882 AGAMEM-AA51882 Datasheet
239Kb / 8P
SERVO MOTOR CONTROLLER
logo
Advantech Co., Ltd.
ADAM-5202 ADVANTECH-ADAM-5202 Datasheet
619Kb / 1P
2-port AMONet Master Module 4-axis Stepping/Pulse-type Servo Motor Control Module
logo
TRINAMIC Motion Control...
TMCM-171 TRINAMIC-TMCM-171 Datasheet
267Kb / 1P
1-Axis BLDC Servo Controller/Driver 20A/48V with Encoder Inf
logo
Adlink Technology Inc.
PCI-8134A ADLINK-PCI-8134A Datasheet
613Kb / 1P
Entry-level 4-axis Servo & Stepper Motion Controller
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
Advanced 2-axis Servo & Stepper Motion Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com