Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V801 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V801
Description  8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V801 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V801 Datasheet HTML 1Page - STMicroelectronics M27V801 Datasheet HTML 2Page - STMicroelectronics M27V801 Datasheet HTML 3Page - STMicroelectronics M27V801 Datasheet HTML 4Page - STMicroelectronics M27V801 Datasheet HTML 5Page - STMicroelectronics M27V801 Datasheet HTML 6Page - STMicroelectronics M27V801 Datasheet HTML 7Page - STMicroelectronics M27V801 Datasheet HTML 8Page - STMicroelectronics M27V801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
May 1998
M27V801
8 Mbit (1Mb x8) Low Voltage UV EPROM and OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 120ns
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 42h
DESCRIPTION
The M27V801 is a low voltage 8 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organized as 1,048,576 by
8 bits.
The M27V801 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP32W (window ceramic frit-seal package)
has transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
Figure 1. Logic Diagram
AI01902
20
A0-A19
Q0-Q7
VCC
M27V801
VSS
8
GVPP
E
Table 1. Signal Names
A0-A19
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
GVPP
Output Enable / Program Supply
VCC
Supply Voltage
VSS
Ground
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
32
1
FDIP32W (F)
PDIP32 (B)
1
32


Similar Part No. - M27V801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V800-100B1TR STMICROELECTRONICS-M27V800-100B1TR Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V800-100F1TR STMICROELECTRONICS-M27V800-100F1TR Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V800-100K1TR STMICROELECTRONICS-M27V800-100K1TR Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V800-100M1TR STMICROELECTRONICS-M27V800-100M1TR Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
More results

Similar Description - M27V801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
21-Apr-2000
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com