Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU09 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 78Page - STMicroelectronics ST7LITEU09 Datasheet HTML 79Page - STMicroelectronics ST7LITEU09 Datasheet HTML 80Page - STMicroelectronics ST7LITEU09 Datasheet HTML 81Page - STMicroelectronics ST7LITEU09 Datasheet HTML 82Page - STMicroelectronics ST7LITEU09 Datasheet HTML 83Page - STMicroelectronics ST7LITEU09 Datasheet HTML 84Page - STMicroelectronics ST7LITEU09 Datasheet HTML 85Page - STMicroelectronics ST7LITEU09 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 115 page
background image
ST7LITEU05 ST7LITEU09
82/115
13.4.2 Internal RC oscillator supply characteristics
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; CPU clock provided by the internal RC, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; CPU clock provided
by the internal RC, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; CPU clock provided by the internal RC, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; CPU clock provided by the internal RC, LVD disabled.
5. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max 5)
Unit
IDD
Supply current in RUN mode 1)
TA=25°C, int RC = 4 MHz
3.2
5.5
mA
TA=25°C, int RC = 8 MHz
5.7
8.5
TA=25°C, AWU RC
0.13
0.2
Supply current in WAIT mode 2)
TA=25°C, int RC = 4 MHz
1.5
3.0
TA=25°C, int RC = 8 MHz
1.9
4.5
Supply current in SLOW mode 3)
TA=25°C, int RC/32 = 250 kHz
1.3
2.0
Supply current in SLOW-WAIT
mode 4)
TA=25°C, int RC/32 = 250 kHz
1.1
1.8
Supply current in ACTIVE HALT
mode
0.8
1.25
IDD
Supply current in RUN mode 1)
TA=25°C, int RC = 4 MHz
2.0
3.0
mA
TA=25°C, int RC = 2 MHz
1.3
2.0
TA=25°C, AWU RC
0.1
0.18
Supply current in WAIT mode 2)
TA=25°C, int RC = 4 MHz
1.0
1.6
TA=25°C, int RC = 2 MHz
0.9
1.5
Supply current in SLOW mode 3)
TA=25°C, int RC/32 = 250 kHz
0.95
1.5
Supply current in SLOW-WAIT
mode 4)
TA=25°C, int RC/32 = 250 kHz
0.85
1.4
Supply current in ACTIVE HALT
mode
0.8
1.3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com