Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU09 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 33Page - STMicroelectronics ST7LITEU09 Datasheet HTML 34Page - STMicroelectronics ST7LITEU09 Datasheet HTML 35Page - STMicroelectronics ST7LITEU09 Datasheet HTML 36Page - STMicroelectronics ST7LITEU09 Datasheet HTML 37Page - STMicroelectronics ST7LITEU09 Datasheet HTML 38Page - STMicroelectronics ST7LITEU09 Datasheet HTML 39Page - STMicroelectronics ST7LITEU09 Datasheet HTML 40Page - STMicroelectronics ST7LITEU09 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
ST7LITEU05 ST7LITEU09
37/115
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
8.4.4 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS
REGISTER (SICSR)
Read/Write
Reset Value: 0000 0x00 (0xh)
Bit 7 = Reserved, must be kept cleared.
Bits 6:5 = CR[1:0] RC Oscillator Frequency Ad-
justment bits
These bits, as well as CR[9:2] bits in the RCCR
register must be written immediately after reset to
adjust the RC oscillator frequency and to obtain
the required accuracy. Refer to section 7.1 on
page 22.
Bits 4:3 = Reserved, must be kept cleared.
Bit 2 = LVDRF LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared when read. See WDGRF flag de-
scription in Section 11.1 for more details. When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Note: If the selected clock source is one of the two
internal ones, and if VDD remains below the select-
ed LVD threshold during less than TAWU_RC (33µs
typ.), the LVDRF flag cannot be set even if the de-
vice is reset by the LVD. If the selected clock
source is the external clock (CLKIN), the flag is
never set if the reset occurs during Halt mode. In
run mode the flag is set only if fCLKIN is greater
than 10MHz.
Bit 1 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware.
If the AVDIE bit is set, an interrupt request is gen-
erated when the AVDF bit is set. Refer to Figure
21 for additional details
0: VDD over AVD threshold
1: VDD under AVD threshold
Bit 0 = AVDIE Voltage Detector interrupt enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag is
set. The pending interrupt information is automati-
cally cleared when software enters the AVD inter-
rupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
AVD THRESHOLD SELECTION REGISTER
(AVDTHCR)
Read/Write
Reset Value: 0000 0011 (03h)
Bits 7:5 = CK[2:0] internal RC Prescaler Selection
Refer to Section 7.1 INTERNAL RC OSCILLATOR
ADJUSTMENT on page 22.
Bits 4:2 = Reserved, must be kept cleared.
Bits 1:0 = AVD[1:0] AVD Threshold Selection
These bits are set and cleared by software and set
by hardware after a reset. They select the AVD
threshold.
Table 12. AVD Threshold Selection bits
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
70
0
CR1 CR0
0
0
LVDRF AVDF AVDIE
70
CK2 CK1 CK0
0
0
0
AVD1 AVD0
AVD1 AVD0
Functionality
0
0
Low
0
1
Medium
10
High
1
1
AVD off
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com