Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU09 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 80Page - STMicroelectronics ST7LITEU09 Datasheet HTML 81Page - STMicroelectronics ST7LITEU09 Datasheet HTML 82Page - STMicroelectronics ST7LITEU09 Datasheet HTML 83Page - STMicroelectronics ST7LITEU09 Datasheet HTML 84Page - STMicroelectronics ST7LITEU09 Datasheet HTML 85Page - STMicroelectronics ST7LITEU09 Datasheet HTML 86Page - STMicroelectronics ST7LITEU09 Datasheet HTML 87Page - STMicroelectronics ST7LITEU09 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 115 page
background image
ST7LITEU05 ST7LITEU09
84/115
13.4.3 On-chip peripherals
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and the timer running in
PWM mode at fcpu=8MHz.
2. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions with am-
plifier off.
3. Not tested in production, guaranteed by characterization.
Symbol
Parameter
Conditions
Typ 3)
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current 1)
fCPU=4MHz
VDD=3.0V
15
µA
fCPU=8MHz
VDD=5.0V
30
IDD(ADC)
ADC supply current when converting 2)
fADC=2MHz
VDD=3.0V
450
fADC=4MHz
VDD=5.0V
750
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com