Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU09 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 97Page - STMicroelectronics ST7LITEU09 Datasheet HTML 98Page - STMicroelectronics ST7LITEU09 Datasheet HTML 99Page - STMicroelectronics ST7LITEU09 Datasheet HTML 100Page - STMicroelectronics ST7LITEU09 Datasheet HTML 101Page - STMicroelectronics ST7LITEU09 Datasheet HTML 102Page - STMicroelectronics ST7LITEU09 Datasheet HTML 103Page - STMicroelectronics ST7LITEU09 Datasheet HTML 104Page - STMicroelectronics ST7LITEU09 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
ST7LITEU05 ST7LITEU09
101/115
14 PACKAGE CHARACTERISTICS
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
These packages have a Lead-free second level in-
terconnect. The category of second Level Inter-
connect is marked on the package and on the in-
ner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to solder-
ing conditions are also marked on the inner box la-
bel.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.
14.1 PACKAGE MECHANICAL DATA
Figure 70. 8-Lead Very thin Fine pitch Dual Flat No-Lead Package
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 3 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.20
0.008
b
0.25
0.30
0.35
0.010
0.012
0.014
D
4.50
0.177
D2
3.50
3.65
3.75
0.138
0.144
0.148
E
3.50
0.138
E2
1.96
2.11
2.21
0.077
0.083
0.087
e
0.80
0.031
L
0.30
0.40
0.50
0.012
0.016
0.020
Number of Pins
N
8
(D/2 x E/2)
D
E
A
b
e
(D/2 x E/2)
L
E2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D2
INDEX AREA
INDEX AREA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com