Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEU09 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 103Page - STMicroelectronics ST7LITEU09 Datasheet HTML 104Page - STMicroelectronics ST7LITEU09 Datasheet HTML 105Page - STMicroelectronics ST7LITEU09 Datasheet HTML 106Page - STMicroelectronics ST7LITEU09 Datasheet HTML 107Page - STMicroelectronics ST7LITEU09 Datasheet HTML 108Page - STMicroelectronics ST7LITEU09 Datasheet HTML 109Page - STMicroelectronics ST7LITEU09 Datasheet HTML 110Page - STMicroelectronics ST7LITEU09 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 115 page
background image
ST7LITEU05 ST7LITEU09
107/115
15.2 ORDERING INFORMATION
Customer code is made up of the FASTROM con-
tents and the list of the selected options (if any).
The FASTROM contents are to be sent on dis-
kette, or by electronic means, with the S19 hexa-
decimal file generated by the development tool. All
unused bytes must be set to FFh. The selected op-
tions are communicated to STMicroelectronics us-
ing the correctly completed OPTION LIST append-
ed.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 27. Supported part numbers
Part Number
Program
Memory
(Bytes)
RAM
(Bytes)
Data
EEPROM
(Bytes)
ADC
Temp.
Range
Package
Conditioning
ST7FLITEU05B6
2K FLASH
128
-
10-bit
-40°C +85°C
DIP8
Tube
ST7FLITEU05M6
-
10-bit
SO8
Tube
ST7FLITEU05M6TR
-
10-bit
Tape & Reel
ST7FLITEU05U6TR
-
10-bit
DFN8
Tape & Reel
ST7FLITEU09B6
2K FLASH
128
128
10-bit
-40°C +85°C
DIP8
Tube
ST7FLITEU09M6
10-bit
SO8
Tube
ST7FLITEU09M6TR
10-bit
Tape & Reel
ST7FLITEU09U6
10-bit
DFN8
Tray
ST7FLITEU09U6TR
10-bit
Tape & Reel
ST7FLITEU0ICD
2K FLASH
128
-
-
-40°C +125°C
DIP16 1)
Tube
ST7PLITEU05B6
2K FASTROM
128
-
10-bit
-40°C +85°C
DIP8
Tube
ST7PLITEU05M6
-
10-bit
SO8
Tube
ST7PLITEU05M6TR
-
10-bit
Tape & Reel
ST7PLITEU05U6TR
-
10-bit
DFN8
Tape & Reel
ST7PLITEU09B6
2K FASTROM
128
128
10-bit
-40°C +85°C
DIP8
Tube
ST7PLITEU09M6
10-bit
SO8
Tube
ST7PLITEU09M6TR
10-bit
Tape & Reel
ST7PLITEU09U6
10-bit
DFN8
Tray
ST7PLITEU09U6TR
10-bit
Tape & Reel
ST7FLITEU05B3
2K FLASH
128
-
10-bit
-40°C +125°C
DIP8
Tube
ST7FLITEU05M3
-
10-bit
SO8
Tube
ST7FLITEU05M3TR
-
10-bit
Tape & Reel
ST7FLITEU05U3TR
-
10-bit
DFN8
Tape & Reel
ST7FLITEU09B3
2K FLASH
128
128
10-bit
-40°C +125°C
DIP8
Tube
ST7FLITEU09M3
10-bit
SO8
Tube
ST7FLITEU09M3TR
10-bit
Tape & Reel
ST7FLITEU09U3
10-bit
DFN8
Tray
ST7FLITEU09U3TR
10-bit
Tape & Reel
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com