Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7500A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7500A
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7500A Datasheet HTML 13Page - STMicroelectronics TDA7500A Datasheet HTML 14Page - STMicroelectronics TDA7500A Datasheet HTML 15Page - STMicroelectronics TDA7500A Datasheet HTML 16Page - STMicroelectronics TDA7500A Datasheet HTML 17Page - STMicroelectronics TDA7500A Datasheet HTML 18Page - STMicroelectronics TDA7500A Datasheet HTML 19Page - STMicroelectronics TDA7500A Datasheet HTML 20Page - STMicroelectronics TDA7500A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
17/40
TDA7500A
DSP CORE
FM Stereo Decoder
ADC ELECTRICAL CHARACTERISTCS (Tamb = 25°C, VCC = 3.3V, measurement bandwidth 10Hz to 20KHz,
A-Weighted Filter.)
Note1: 0dB reference at 0.75Vrms input
ADC ELECTRICAL CHARACTERISTCS (Tamb = 25°C, VCC = 3.3V, measurement bandwidth 10Hz to 53KHz.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fdsp
Maximum DSP clock frequency
power supply @ 3.3V and Tj = 125°C
48
MHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
a_ch
Channel Separation
>50
dB
THD
Total Harmonic Distortion
0.02
%
(S+N)/N
Signal plus Noise to Noise ratio
86
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Dynamic Range
0.75
0.8
Vrms
Sampling rate
Audio mode
48
KHz
Attenuation @ 20KHz
@ fs = 44.1KHz
-0.6
dB
Dynamic Range
-60dB analog input
84
88
dB
SNR
1KHz; -3dB analog input
84
88
dB
(THD + N)
-3dB analog input (note 1)
-85
-80
dB
Input Impedance
@ fs = 44.1KHz
40
55
75
k
Ω
Crosstalk
1Vrms input @ 1KHz
-85
dB
Gain mismatch between four
input
@ 1KHz
-0.5
0.5
dB
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Input Voltage Dynamic Range
0.75
0.8
Vrms
Sampling rate
AM-Mode
192
KHz
Dynamic Range
-60dB analog input
80
dB
SNR
1KHz; -3dB analog input
80
dB
(THD +N)
-3dB analog input
-80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com