Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7500A Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7500A
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7500A Datasheet HTML 21Page - STMicroelectronics TDA7500A Datasheet HTML 22Page - STMicroelectronics TDA7500A Datasheet HTML 23Page - STMicroelectronics TDA7500A Datasheet HTML 24Page - STMicroelectronics TDA7500A Datasheet HTML 25Page - STMicroelectronics TDA7500A Datasheet HTML 26Page - STMicroelectronics TDA7500A Datasheet HTML 27Page - STMicroelectronics TDA7500A Datasheet HTML 28Page - STMicroelectronics TDA7500A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25/40
TDA7500A
EXTERNAL MEMORY INTERFACE (EMI) SRAM MODE
Figure 12. External Memory Interface SRAM Read Cycle.
Figure 13. External Memory Interface SRAM Write Cycle.
Characteristics
40MHz
Unit
Min.
Max.
Address Valid and CS Assertion Pulse Width
89
--
ns
Address Valid to RD or WR Assertion
23
--
ns
RD or WR Assertion Pulse Width
45
--
ns
RD or WR Negation to RD or WR Assertion
39
--
ns
RD or WR Negation to Address not Valid
5
--
ns
Address Valid to Input Data Valid
--
72
ns
RD Assertion to Input Data Valid
--
35
ns
RD Negation to Data Not Valid (Data Hold Time)
0
--
ns
Address Valid to WR Negation
73
--
ns
Data Setup Time to WR Negation
32
--
ns
Data Hold Time from WR Negation
5
--
ns
WR Assertion to Data Valid
--
18
ns
WR Negation to Data High-Z (Note 1)
--
23
ns
WR Assertion to Data Active
5
--
ns
add. [7:0]
data
add. [13:8]
SRA_D
[7:0]
SRA_D
[13:8]
ALE
DRD
add. [7:0]
data
add. [13:8]
SRA
[7:0]
SRA
[13:8]
ALE
DWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com