Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7500A Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7500A
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7500A Datasheet HTML 32Page - STMicroelectronics TDA7500A Datasheet HTML 33Page - STMicroelectronics TDA7500A Datasheet HTML 34Page - STMicroelectronics TDA7500A Datasheet HTML 35Page - STMicroelectronics TDA7500A Datasheet HTML 36Page - STMicroelectronics TDA7500A Datasheet HTML 37Page - STMicroelectronics TDA7500A Datasheet HTML 38Page - STMicroelectronics TDA7500A Datasheet HTML 39Page - STMicroelectronics TDA7500A Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39/40
TDA7500A
OUTLINE AND
MECHANICAL DATA
A
A2
A1
ccc
SEATING
PLANE
C
C
C
25
26
50
51
75
76
100
D3
D1
D
e
1
B
S1
S
H
TQFP100M
GAGE PLANE
0.25mm
.010 inch
PIN 1
IDENTIFICATION
K
L
L1
E3
E1
E
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
e
0.50
0.020
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
H
9.85
0.388
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
S
8.80
0.346
S1
8.80
0.346
K
0˚ (min.), 3.5˚ (typ.), 7˚(max.)
ccc
0.080
0.003
TQFP100 (14x14x1.40mm)
with Slug Down (10x10mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com