Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL05Y0MA Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7FL05Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MA Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7FL05Y0MA Datasheet HTML 72Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 73Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 74Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 75Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 76Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 77Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 78Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 79Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
ST7L05, ST7L09
76/104
OPERATING CONDITIONS (Cont’d)
The RC oscillator and PLL characteristics are temperature-dependent and are grouped in two tables.
Operating conditions (tested for TA = -40 to +105°C) @ VDD = 4.5 to 5.5V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 23
3. Minimum value is obtained for hot temperature and maximum value is obtained for cold temperature.
4. Data based on characterization results, not tested in production.
5. Measurement made with RC calibrated at 1 MHz.
6. Guaranteed by design.
7. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
8. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 11 on page 23.
Operating conditions (tested for TA = -40 to +105°C) @ VDD = 3.0 to 3.6V
1)
Notes:
1 Data based on characterization results, not tested in production.
2 If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
3. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 23.
4. Minimum value is obtained for hot temperature and maximum value is obtained for cold temperature.
5. Measurement made with RC calibration at 1 MHz.
6. Guaranteed by design.
7. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
8. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 11 on page 23.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator
frequency
RCCR = FF (reset value), TA = 25°C, VDD =5V
760
kHz
RCCR = RCCR02 ), TA = 25°C, VDD = 5V
995
1000
1005
ACCRC
Accuracy of internal RC
oscillator when calibrated
with RCCR = RCCR02)3)
TA = 25°C, VDD = 5V
-0.5
+0.5
%
TA = 25°C, VDD = 4.5 to 5.5V
4)
-1
+1
TA = -40 to +105°C, VDD = 4.5 to 5.5V
4)
-5
+2
IDD(RC)
RC oscillator current
consumption
TA = 25°C, VDD = 5V
9704)5)
µA
tsu(RC)
RC oscillator setup time
TA = 25°C, VDD = 5V
102)
µs
fPLL
x8 PLL input clock
1
MHz
tLOCK
PLL lock time8)
2
ms
tSTAB
PLL stabilization time8)
4
ACCPLL
x8 PLL accuracy
fRC =1 MHz@ TA = -40 to +105°C
0.17)
%
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
6)
IDD(PLL)
PLL current consumption TA = 25°C
6004)
µA
Symbol
Parameter1)
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value), TA = 25°C, VDD = 3.3V
560
kHz
RCCR = RCCR13), TA = 25°C, VDD = 3.3V
700
ACCRC
Accuracy of internal RC
oscillator when calibrated
with RCCR = RCCR13)4)
TA = -40 to +105°C
-15
+15
%
IDD(RC)
RC oscillator current
consumption
TA =25°C, VDD =3.3V
7005)
µA
tsu(RC)
RC oscillator setup time
103)
µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com