Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL05Y0MA Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7FL05Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7FL05Y0MA Datasheet HTML 20Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 21Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 22Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 23Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 24Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 25Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 26Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 27Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
ST7L05, ST7L09
24/104
SUPPLY, RESET AND CLOCK MANAGEMENT (Cont’d)
7.3 REGISTER DESCRIPTION
MAIN CLOCK CONTROL/STATUS REGISTER
(MCCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable
This bit is read/write by software and cleared by
hardware after a reset. This bit allows to enable
the MCO output clock.
0: MCO clock disabled, I/O port free for general
purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow Mode select
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the input
clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC)
1: Slow mode (fCPU = fOSC/32)
RC CONTROL REGISTER (RCCR)
Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CR[7:0] RC Oscillator Frequency Ad-
justment Bits
These bits must be written immediately after reset
to adjust the RC oscillator frequency and to obtain
an accuracy of 1%. The application can store the
correct value for each voltage range in EEPROM
and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
Note: To tune the oscillator, write a series of differ-
ent values in the register until the correct frequen-
cy is reached. The fastest method is to use a di-
chotomy starting with 80h.
SYSTEM INTEGRITY (SI) CONTROL/STATUS
REGISTER (SICSR)
Read/Write
Reset Value: 0000 0x00 (0xh)
Bits 7:4 = Reserved, must be kept cleared.
Bit 3 = LOCKED PLL Locked Flag
This bit is set and cleared by hardware. It is set au-
tomatically when the PLL reaches its operating fre-
quency.
0: PLL not locked
1: PLL locked
Bits 2:0 = Reserved, must be kept cleared.
Table 6. Clock Register Map and Reset Values
70
00
00
00
MCO
SMS
70
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
70
0
000
LOCK
ED
00
0
Address
(Hex.)
Register
Label
765
43210
0038h
MCCSR
Reset Value
000
000
MCO
0
SMS
0
0039h
RCCR
Reset Value
CR7
1
CR6
1
CR5
1
CR4
1
CR3
1
CR2
1
CR1
1
CR0
1
003Ah
SICSR
Reset Value
000
0
LOCKED
0
000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com