Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FL05Y0MA Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7FL05Y0MA
Description  8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL05Y0MA Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7FL05Y0MA Datasheet HTML 30Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 31Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 32Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 33Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 34Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 35Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 36Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 37Page - STMicroelectronics ST7FL05Y0MA Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
ST7L05, ST7L09
34/104
POWER SAVING MODES (Cont’d)
9.4.2 HALT Mode
The HALT mode is the lowest power consumption
mode of the MCU. It is entered by executing the
‘HALT’ instruction when active halt mode is disa-
bled.
The MCU can exit HALT mode on reception of ei-
ther a specific interrupt (see Table 7, “Interrupt
Mapping,” on page 29) or a RESET. When exiting
HALT mode by means of a RESET or an interrupt,
the oscillator is immediately turned on and the 256
CPU cycle delay is used to stabilize the oscillator.
After the start up delay, the CPU resumes opera-
tion by servicing the interrupt or by fetching the re-
set vector which woke it up (see Figure 22).
When entering HALT mode, the I bit in the CC reg-
ister is forced to 0 to enable interrupts. Therefore,
if an interrupt is pending, the MCU wakes immedi-
ately.
In HALT mode, the main oscillator is turned off
causing all internal processing to stop, including
the operation of the on-chip peripherals. All periph-
erals are not clocked except the ones which get
their clock supply from another clock generator
(such as an external or auxiliary oscillator).
The compatibility of Watchdog operation with
HALT mode is configured by the “WDGHALT” op-
tion bit of the option byte. The HALT instruction
when executed while the Watchdog system is en-
abled, can generate a Watchdog RESET (see
Section 15.2 on page 96 for more details).
Figure 21. HALT Timing Overview
Figure 22. HALT Mode Flowchart
Notes:
1. WDGHALT is an option bit. See option byte section for
more details.
2. Peripheral clocked with an external clock source can
still be active.
3. Only some specific interrupts can exit the MCU from
HALT mode (such as external interrupt). Refer to Table 7,
“Interrupt Mapping,” on page 29 for more details.
4. Before servicing an interrupt, the CC register is pushed
on the stack. The I bit of the CC register is set during the
interrupt routine and cleared when the CC register is
popped.
5. If the PLL is enabled by option byte, it outputs the clock
after a delay of tSTARTUP (see Figure 11).
HALT
RUN
RUN
256 CPU CYCLE
DELAY
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
[Active Halt disabled]
HALT INSTRUCTION
RESET
INTERRUPT3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS2)
IBIT
OFF
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
OFF
X4)
ON
CPU
OSCILLATOR
PERIPHERALS
IBITS
ON
ON
X4)
ON
256 CPU CLOCK CYCLE
DELAY
WATCHDOG
ENABLE
DISABLE
WDGHALT1)
0
WATCHDOG
RESET
1
(Active Halt disabled)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com