Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4855 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4855
Description  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4855 Datasheet HTML 1Page - STMicroelectronics TS4855 Datasheet HTML 2Page - STMicroelectronics TS4855 Datasheet HTML 3Page - STMicroelectronics TS4855 Datasheet HTML 4Page - STMicroelectronics TS4855 Datasheet HTML 5Page - STMicroelectronics TS4855 Datasheet HTML 6Page - STMicroelectronics TS4855 Datasheet HTML 7Page - STMicroelectronics TS4855 Datasheet HTML 8Page - STMicroelectronics TS4855 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
s OPERATING FROM V
CC = 3.0 V to 5.0 V
s SPEAKER: Mono, THD+N @ 1 kHz is 1%
Max @ 1 W into 8
Ω BTL
s HEADSET: Stereo, THD+N @ 1 kHz is 0.5%
Max. @ 85 mW into 32
Ω BTL
s VOLUME CONTROL: 32-step digital
volume control
s OUTPUT MODE: Eight different selections
s Ultra low pop-and-click
s Low Shutdown Current (0.1 µA, typ.)
s Thermal Shutdown Protection
s FLIP-CHIP Package 18 X 300 µm Bumps
s TS4855E IJT Lead-Free option available
DESCRIPTION
The TS4855 is a complete low power audio
amplifier solution targeted at mobile phones. It
integrates, into an extremely compact flip-chip
package, an audio amplifier, a speaker driver, and
a headset driver.
The Audio Power Amplifier can deliver 1.1 W
(typ.) of continuous RMS output power into an 8
Ω
speaker with a 1% THD+N value. To the headset
driver, the amplifier can deliver 85 mW (typ.) per
channel of continuous average power into stereo
32
Ω bridged-tied load with 0.5% THD+N @ 5 V.
This device features a 32-step digital volume
control and 8 different output selections. The
digital volume and output modes are controlled
through a three-digit SPI interface bus.
APPLICATIONS
•
Mobile Phones
ORDER CODE
J = Flip Chip Package - only available in Tape & Reel (JT))
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
J
TS4855IJT
-40, +85°C
•
TS4855EIJT
-40, +85°C
•
Pin Out (top view)
TS4855IJT - Flip Chip
TS4855
LOUDSPEAKER & HEADSET DRIVER
WITH VOLUME CONTROL
March 2004


Similar Part No. - TS4855

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
More results

Similar Description - TS4855

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
TONE CONTROL/VOLUME CONTROL
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
STMicroelectronics
TS4851 STMICROELECTRONICS-TS4851 Datasheet
1Mb / 28P
MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
01-Mar-2005
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
logo
Mitsubishi Electric Sem...
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
TONE CONTROL/VOLUME CONTROL
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
TONE CONTROL/VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com