Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 2 Page - Eorex Corporation

Part # EP1551
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 2 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EP1551 Evaluation Board Manual
Rev.01
2/7
Jump Setting
JUMPER
Jump to GND
Jump to MAIN
JP1
All outputs are shut down
OUTSU enabled
JP2
OUTSD shut down
OUTSD enabled
JP3
OUT1 shut down
OUT1 enabled
JP4
LEDOUT shut down
LEDOUT enabled
JP5
OU T3A/OU T3B shut down
OU T3A/OU T3B enabled
JP6
OUT1 set to 5V
OUT1 adjustable
JP7
OUTSD set to 1.5V
OUTSD adjustable
JP8
OUTSU set to 3.35V
OUTSU adjustable
Fixed Output Voltages and Maximum Currents
OUTPUT
VOLTAGE (V)
MAXIMUM
CURRENT (mA)
OUTSU
3.35
500 (Note 1)
OUTSD
1.5
350
OUT1
5
500
LEDOUT+ to LEDOUT
16 (Note 2)
15
OUT3A
15
20
OUT3B
-7.5 (Note 3)
30
Note 1:
If both OUTSU (3.35V) and OUTSD (1.5V) are operating, subtract half the OUTSD (1.5V) load
current from the maximum load capability of OUTSU (3.35V).
Note 2:
With four white LEDs connected in series from LEDOUT+ to LEDOUT-, this output is regulated to
approximately 60mW per LED. With typical white LEDs, this is approximately 16V at 15mA. With
an open circuit, LEDOUT+ is approximately 30V.
Note 3:
Only the 15V output is fed back to the controller regulation point. A small preload (at least 5mA) is
needed for the -7.5V output to be in regulation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com