Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 5 Page - Eorex Corporation

Part # EP1551
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 5 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EP1551 Evaluation Board Manual
Rev.01
5/7
BILL OF MATERIAL
Item
QTY
REF. DES.
DESC.
MAN. P/N
Note
1
1
L1
POWER
INDUCTOR
1.4UH 2.52A SMD
CR43-1R4MC
2
1
L2
POWER
INDUCTOR
2.2UH 1.75A SMD
CR43-2R2MC
3
1
L3
POWER
INDUCTOR4.7UH SMD
4
1
L4
POWER
INDUCTOR
3.3UH SMD
5
1
T1
For -7.5 and +15V output
ST-532850A
6
3
C14A, C15A,
C17A
CAPACITOR TANT 22UF
25V 20% SMD
T494B226M016AS
7
3
C14A, C15A,
C17A,
CAPACITOR TANT 10UF
10V 20% SMD
T494B106M010AS
8
1
C16
CAPACITOR TANT 47UF
10V 20% SMD
T520B476M006AS
E040
9
1
C4
CAP CERAMIC 10UF 25V
X5R 1206
ECJ-3YB1E106M
10
4
C3, C6, C8, C10
CAP CERAMIC 1UF 25V
X5R 0805
ECJ-2FB1E105K
11
1
C1
CAP 10UF 6.3V CERAMIC
X5R 0805
ECJ-2FB0J106M
12
1
C13
CAP .10UF 16V CERAMIC
X7R 0805
VJ0805Y104KXJC
W1BC
13
1
C12
CAP
CERAMIC
100PF
50V NP0 0805
VJ0805A101JXAC
W1BC
14
3
R9, R12, R13
RES 0.0 OHM 1/8W 5%
0603 SMD
ERJ-6GEY0R00V
15
1
R8
RES 1.00M OHM 1/8W 1%
0603 SMD
9C08052A1004FK
HFT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com