Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP1551
Description  Evaluation Board Manual
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 3 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EP1551 Evaluation Board Manual
Rev.01
3/7
Adjusting the Main Step-Up Output Voltage
The main step-up output (OUTSU 3.35V) can be adjusted from 2.7V to 5.5V using the following procedure:
1) Short JP8 to MAIN pin.
2) Cut the PC board trace that shorts the pads of R12 (located on the solder side of the PC board).
3) Select a value for R15 between 10kΩ and 100kΩ.
4) Solve for Vout:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
12
15
1
25
.
1
R
R
V
V
out
5) Install R12 and R15.
Adjusting the Step-Down Output Voltage
The step-down output voltage (OUTSD 1.5V) can be set from 1.25V to VOUTSU using the following
procedure:
1) Short JP7 to MAIN pin.
2) Cut the PC board trace that shorts the pads of R13 (located on the solder side of the PC board).
3) Select a value for R16 between 10kΩ and 100kΩ.
4) Solve for Vout:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
13
16
1
25
.
1
R
R
V
V
out
5) Install R13 and R16.
Adjusting the Step-Up Output Voltage
OUT1 (5V) can be set to any voltage above 1.25V. Note that OUT1 rises above its regulation voltage if the
input voltage is greater than what OUT1 is set to. Use the following procedure to set VOUT1:
1) Short JP6 to MAIN pin.
2) Cut the PC board trace that shorts the pads of R9 (located on the solder side of the PC board).
3) Select a value for R11 between 10kΩ and 100kΩ.
4) Solve for Vout:
⎟
⎠
⎞
⎜
⎝
⎛ +
=
9
11
1
25
.
1
R
R
V
V
out
5) Install R9 and R11.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com