Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G02BDF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP20G02BDF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G02BDF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP20G02BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
永源微电子科技有限公司
AP20G02BDF
20A 20V N+P 低功耗高频场效应管晶体管
简介:
AP20G02BDF 是一颗针对无线充 N+P 全桥高频电路高性价比产品,使用的是第三代沟槽技
术,优化 N&P Ciss 电容数据和 RDS,在获取性价比同时,兼容了性能的提升。
适配主控型号:
IP6822(英集芯)


Similar Part No. - AP20G02BDF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP20G02CDF APME-AP20G02CDF Datasheet
1Mb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
AP20G02DF APME-AP20G02DF Datasheet
1Mb / 10P
20V NP-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP20G02BDF

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW3G02S YFWDIODE-YFW3G02S Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4G02LI YFWDIODE-YFW4G02LI Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G02NF YFWDIODE-YFW25G02NF Datasheet
3Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW4606S YFWDIODE-YFW4606S_V01 Datasheet
1Mb / 8P
20V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com