Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G02BDF Datasheet(PDF) 4 Page - A POWER MICROELECTRONICS

Part # AP20G02BDF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G02BDF Datasheet(HTML) 4 Page - A POWER MICROELECTRONICS

  AP20G02BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP20G02BDF
20V N+P-Channel Enhancement Mode MOSFET
AP20G02BDF REV1.1
永源微電子科技有限公司
P-Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= -250μA
-20
-23
-
V
IGSS
Gate-Body Leakage
VDS= 0V, VGS= ±12V
-
-
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= -20V, VGS= 0V
-
-
-1
μA
VGS(th)
Gate-Threshold Voltage
VDS= VGS, ID= -250μA
-0.4
-0.7
-1.2
V
RDS(on)
Drain-Source on-Resistance3
VGS= -4.5V, ID= -4.1A
-
23
35
mΩ
VGS= -2.5V, ID= -3.0A
-
41
57
Ciss
Input Capacitance
VGS = 0V, VDS = -10V,
f= 1MHz
-
751
-
pF
Coss
Output Capacitance
-
97
-
Crss
Reverse Transfer Capacitance
-
80
-
Qg
Total Gate Charge
VGS= -4.5V, VDS= -10V,
ID= -4A
-
9.3
-
nC
Qgs
Gate-Source Charge
-
1
-
Qgd
Gate-Drain Charge
-
2.2
-
td(on)
Turn-on Delay Time
VGS= -4.5V, VDS= -10V,
RG= 3Ω, ID= -4A
-
13
-
ns
tr
Rise time
-
9
-
td(off)
Turn-off Delay Time
-
19
-
tf
Fall Time
-
29
-
VSD
Body Diode Voltage3
IS= -1A, VGS = 0V
-
-
-1
V
IS
Continuous Source Current
-
-
-4.1
A
Note :
1
、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3
、The power dissipation is limited by 150℃ junction temperature
4
、The EAS data shows Max. rating . The test condition is VDD=18V,RG=25Ω VGS=4.5V,L=0.1mH,IAS=18A
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com