Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20G02BDF Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # AP20G02BDF
Description  20V NP-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP20G02BDF Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP20G02BDF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 7Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 8Page - A POWER MICROELECTRONICS AP20G02BDF Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP20G02BDF
20V N+P-Channel Enhancement Mode MOSFET
AP20G02BDF REV1.1
永源微電子科技有限公司
Description
The AP20G02BDF uses advanced Trench III technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 20V ID =20A
RDS(ON) <18mΩ @ VGS=10V (Type:12mΩ)
VDS = -20V ID =-18.8A
RDS(ON) < 30mΩ @ VGS=-10V(Type:25mΩ)
Application
High Frequency Circuit
low-power consumption
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP20G02BDF
PDFN3*3-8L
AP20G02BDF XXX YYYY
5000
Absolute Maximum Ratings (TC=25
℃unless otherwise noted)
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
20
-20
V
VGS
Gate-Source Voltage
±12
±12
V
ID@TA=25
℃
Continuous Drain Current, VGS @ 10V1
20
-18.8
A
ID@TA=70
℃
Continuous Drain Current, VGS @ 10V1
16.2
-15.5
A
IDM
Pulsed Drain Current2
60
-54
A
EAS
Single Pulse Avalanche Energy3
85
78
mJ
PD@TA=25
℃
Total Power Dissipation4
3.5
3.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
105
℃/W
RθJC
Thermal Resistance Junction-Case1
50
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com