Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W201
Description  2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W201 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W201 Datasheet HTML 1Page - STMicroelectronics M27W201 Datasheet HTML 2Page - STMicroelectronics M27W201 Datasheet HTML 3Page - STMicroelectronics M27W201 Datasheet HTML 4Page - STMicroelectronics M27W201 Datasheet HTML 5Page - STMicroelectronics M27W201 Datasheet HTML 6Page - STMicroelectronics M27W201 Datasheet HTML 7Page - STMicroelectronics M27W201 Datasheet HTML 8Page - STMicroelectronics M27W201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
October 2001
M27W201
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
s
2.7V to 3.6V LOW VOLTAGE in READ
OPERATION
s
ACCESS TIME:
–70ns at VCC =3.0V to 3.6V
–80ns at VCC =2.7V to 3.6V
s
PIN COMPATIBLE with M27C2001
s
LOW POWER CONSUMPTION:
– 15µA max Standby Current
– 15mA max Active Current at 5MHz
s
PROGRAMMING TIME 100µs/byte
s
HIGH RELIABILITY CMOS TECHNOLOGY
– 2,000V ESD Protection
– 200mA Latchup Protection Immunity
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 61h
DESCRIPTION
The M27W201 is a low voltage 2 Mbit EPROM of-
fered in the two range UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage and is organised as 262,144 by 8
bits.
The M27W201 operates in the read mode with a
supply voltage as low as 2.7V at –40 to 85°C tem-
perature range. The decrease in operating power
allows either a reduction of the size of the battery
or an increase in the time between battery re-
charges.
The FDIP32W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For application where the content is programmed
only one time and erasure is not required, the
M27W201 is offered in PDIP32, PLCC32 and
TSOP32 (8 x 20mm and 8 x 14mm) packages.
Figure 1. Logic Diagram
AI01359
18
A0-A17
P
Q0-Q7
VPP
VCC
M27W201
G
E
VSS
8
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (K)
TSOP32 (N)
8 x 20 mm
TSOP32 (NZ)
8 x 14 mm


Similar Part No. - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W201 STMICROELECTRONICS-M27W201 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100B6TR STMICROELECTRONICS-M27W201-100B6TR Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100F6TR STMICROELECTRONICS-M27W201-100F6TR Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100K6TR STMICROELECTRONICS-M27W201-100K6TR Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27W201-100N6TR STMICROELECTRONICS-M27W201-100N6TR Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results

Similar Description - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com