Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI404PI Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDI404PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404PI Datasheet(HTML) 4 Page - IXYS Corporation

  IXDI404PI Datasheet HTML 1Page - IXYS Corporation IXDI404PI Datasheet HTML 2Page - IXYS Corporation IXDI404PI Datasheet HTML 3Page - IXYS Corporation IXDI404PI Datasheet HTML 4Page - IXYS Corporation IXDI404PI Datasheet HTML 5Page - IXYS Corporation IXDI404PI Datasheet HTML 6Page - IXYS Corporation IXDI404PI Datasheet HTML 7Page - IXYS Corporation IXDI404PI Datasheet HTML 8Page - IXYS Corporation IXDI404PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
IXDN404 / IXDI404 / IXDF404
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
High input voltage
4.5V
≤ VCC ≤ 18V
2.4
V
VIL
Low input voltage
4.5V
≤ VCC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
Output resistance
@ Output High
VCC = 18V
3.4
Ω
ROL
Output resistance
@ Output Low
VCC = 18V
2
Ω
IPEAK
Peak output current
VCC = 18V
3.2
A
IDC
Continuous output
current
1
A
tR
Rise time
CL=1000pF Vcc=18V
11
ns
tF
Fall time
CL=1000pF Vcc=18V
13
ns
tONDLY
On-time propagation
delay
CL=1000pF Vcc=18V
60
ns
tOFFDLY
Off-time propagation
delay
CL=1000pF Vcc=18V
59
ns
VCC
Power supply voltage
4.5
18
35
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Electrical Characteristics
Unless otherwise noted, temperature over -55oC to 150oC, 4.5V
≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. Device configured as described in Test Conditions. All specifications are for one channel.
Specifications Subject To Change Without Notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com