Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI404PI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI404PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404PI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI404PI Datasheet HTML 3Page - IXYS Corporation IXDI404PI Datasheet HTML 4Page - IXYS Corporation IXDI404PI Datasheet HTML 5Page - IXYS Corporation IXDI404PI Datasheet HTML 6Page - IXYS Corporation IXDI404PI Datasheet HTML 7Page - IXYS Corporation IXDI404PI Datasheet HTML 8Page - IXYS Corporation IXDI404PI Datasheet HTML 9Page - IXYS Corporation IXDI404PI Datasheet HTML 10Page - IXYS Corporation IXDI404PI Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
IXDN404 / IXDI404 / IXDF404
High State Ouput Resistance vs. Supply Voltage
0
1
2
3
4
5
6
5
10
152025
3035
Supply Voltage (V)
Low State Output Resistance vs. Supply Voltage
0
1
2
3
4
5
6
5
1015
20
2530
35
Supply Voltage (V)
Vcc vs. P Channel Output Current
-12
-10
-8
-6
-4
-2
0
5
101520253035
Vcc (V)
Fig. 25
Fig. 26
Fig. 23
Fig. 24
N Channel Output Current vs. Temperature
Vcc = 18V CL = 1000pF
0
1
2
3
4
5
6
-80
-30
20
70
120
170
Temperature (C)
P Channel Output Current vs. Temperature
Vcc = 18V, CL = 1000pF
0
1
2
3
4
5
6
-80
-30
20
70
120
170
Temperature (C)
Fig. 27
Fig. 28
Vcc vs. N Channel Ouput Current
0
2
4
6
8
10
12
5
1015
20253035
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com