Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI404PI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDI404PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI404PI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDI404PI Datasheet HTML 1Page - IXYS Corporation IXDI404PI Datasheet HTML 2Page - IXYS Corporation IXDI404PI Datasheet HTML 3Page - IXYS Corporation IXDI404PI Datasheet HTML 4Page - IXYS Corporation IXDI404PI Datasheet HTML 5Page - IXYS Corporation IXDI404PI Datasheet HTML 6Page - IXYS Corporation IXDI404PI Datasheet HTML 7Page - IXYS Corporation IXDI404PI Datasheet HTML 8Page - IXYS Corporation IXDI404PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 0.5A
• High Peak Output Current: 4A Peak
• Wide Operating Range: 4.5V to 35V
• High Capacitive Load
Drive Capability: 1800pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in Single Chip
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• LineDrivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• PulseTransformerDriver
• Class D Switching Amplifiers
• Limiting di/dt Under Short Circuit
IXDN404 / IXDI404 / IXDF404
First Release
Copyright © IXYS CORPORATION 2004
General Description
The IXDN404/IXDI404/IXDF404 is comprised of two 4 Ampere
CMOS high speed MOSFET drivers. Each output can source
and sink 4A of peak current while producing voltage rise and
fall times of less than 15ns to drive the latest IXYS MOSFETs
and IGBT's. The input of the driver is compatible with TTL or
CMOS and is fully immune to latch up over the entire operating
range. A patent-pending circuit virtually eliminates CMOS
power supply cross conduction and current shoot-through.
Improved speed and drive capabilities are further enhanced by
very low, matched rise and fall times.
The IXDN404 is configured as a dual non-inverting gate driver,
the IXDI404 is a dual inverting gate driver, and the IXDF404 is a
dual inverting + non-inverting gate driver.
TheIXDN404/IXDI404/IXDF404familyareavailableinthe
standard 8 pin P-DIP (PI), SOIC-8 (SIA) and SOIC-16 (SIA-16)
packages. For enhanced thermal performance, the SOP-8 and
SOP-16 are also available in a package with an exposed
grounded metal back as the SI and SI-16 repectively.
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
Part Number
Package Type
Temp. Range
Configuration
IXDN404PI
8-Pin PDIP
IXDN404SI
8-Pin SOIC with Grounded Metal Back
IXDN404SIA
8-Pin SOIC
IXDN404SI-16
16-Pin SOIC with Grounded Metal Back
IXDN404SIA-16
16-Pin SOIC
-55
°C to
+125°C
Dual Non
Inverting
IXDI404PI
8-Pin PDIP
IXDI404SI
8-Pin SOIC with Grounded Metal Back
IXDI404SIA
8-Pin SOIC
IXDI404SI-16
16-Pin SOIC with Grounded Metal Back
IXDI404SIA-16
16-Pin SOIC
-55
°C to
+125
°C
Dual Inverting
IXDF404PI
8-Pin PDIP
IXDF404SI
8-Pin SOIC with Grounded Metal Back
IXDF404SIA
8-Pin SOIC
IXDF404SI-16
16-Pin SOIC with Grounded Metal Back
IXDF404SIA-16
16-Pin SOIC
-55
°C to
+125
°C
Inverting +
Non Inverting
Ordering Information
NOTE: Mounting or solder tabs on all packages are connected to ground
DS99018B(08/04)


Similar Part No. - IXDI404PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404PI IXYS-IXDI404PI Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXDI404PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN502SIA IXYS-IXDN502SIA Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com