Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSDC512 Datasheet(PDF) 1 Page - Eorex Corporation

Part # ESSDC512
Description  64MB/128MB/256MB/512MB Secure Digital Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESSDC512 Datasheet(HTML) 1 Page - Eorex Corporation

  ESSDC512 Datasheet HTML 1Page - Eorex Corporation ESSDC512 Datasheet HTML 2Page - Eorex Corporation ESSDC512 Datasheet HTML 3Page - Eorex Corporation ESSDC512 Datasheet HTML 4Page - Eorex Corporation ESSDC512 Datasheet HTML 5Page - Eorex Corporation ESSDC512 Datasheet HTML 6Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
64MB/128MB/256MB/512MB Secure Digital Card
Eorex Corporation
www.eorex.com
1/6
Description
ESSDC64 / ESSDC128 / ESSDC256
/ ESSDC512 are different memory
capacities from 64MB to 512MB of the
Secure Digital Card. They are non-volatile,
which means no external power required to
retain the information stored on these.
Besides, They are also the solid-state
device that without moving parts to skip or
break down. ESMSDC64 / ESMSDC128 /
ESMSDC256 / ESMSDC512 can offer an
incredible combination of fast data transfer,
great flexibility, excellent security and
incredibly small size.
Features
Operating Voltage: 2.7V ~ 3.6V
Operating Temperature: -25℃
~
85℃
Data Transfer Rate: Average 2MB/s
Durability: 10,000 insertion/removal
cycles
Mechanical Write Protection Switch
SD Host allows MultiMediaCard
upward compatibility
Form Factor: 24mm x 32mm x 2.1mm
Pin Definition
Pin No.
Name
Type
Description
1
CD/DA
I/O/PP
Card Detect/Data Line[Bit3]
2
CMD
PP
Command/Response
3
VSS1
S
Supply voltage ground
4
VDD
S
Supply voltage
5
CLK
I
Clock
6
VSS2
S
Supply voltage ground
7
DAT0
I/O/PP
Data Line [Bit0]
8
DAT1
I/O/PP
Data Line [Bit1]
9
DAT2
I/O/PP
Data Line [Bit2]


Similar Part No. - ESSDC512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS VISHAY-ESS Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
ESS-10 VISHAY-ESS-10 Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
ESS-10 VISHAY-ESS-10 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
Festo Corporation.
ESS-10-BN FESTO-ESS-10-BN Datasheet
76Kb / 1P
Vacuum suction cup
6/10/22
More results

Similar Description - ESSDC512

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
512Mb/256Mb 1.8V NAND Flash Errata
K9D1G08V0M SAMSUNG-K9D1G08V0M Datasheet
657Kb / 37P
64MB & 128MB SmartMediaTM Card
M464S1724ETS SAMSUNG-M464S1724ETS Datasheet
299Kb / 15P
64MB, 128MB Unbuffered SODIMM
logo
Eorex Corporation
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
64MB/128MB/256MB/512MB MultiMediaCard?
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
Secure Digital Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
Secure Digital Card
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
256Mb and 512Mb (256Mb/256Mb), P30-65nm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com