Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSDC512 Datasheet(PDF) 6 Page - Eorex Corporation

Part # ESSDC512
Description  64MB/128MB/256MB/512MB Secure Digital Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESSDC512 Datasheet(HTML) 6 Page - Eorex Corporation

  ESSDC512 Datasheet HTML 1Page - Eorex Corporation ESSDC512 Datasheet HTML 2Page - Eorex Corporation ESSDC512 Datasheet HTML 3Page - Eorex Corporation ESSDC512 Datasheet HTML 4Page - Eorex Corporation ESSDC512 Datasheet HTML 5Page - Eorex Corporation ESSDC512 Datasheet HTML 6Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
64MB/128MB/256MB/512MB Secure Digital Card
Eorex Corporation
www.eorex.com
6/6
6. Reliability and Durability
Temperature
Operation: -25℃ / 85℃ (Target spec)
Storage: -40℃ (168h) / 85℃ (500h)
Junction temperature: max. 95℃
Moisture and corrosion
Operation: 25℃ / 95% rel. humidity
Storage: 40℃ / 93% rel. hum./ 500h
Salt Water Spray: 3% NaCI/35C; 24h acc. MIL STD Method
1009
Durability
10,000 mating cycles; test procedure: tbd.
Bending
t.b.d
Torque
t.b.d
Drop test
1.5m free fall
UV light exposure
UV: 200nm, 15Ws/cm
2 according to ISO7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities
surface smoothness <= -0.1mm/cm
2 within contour; no cracks;
no pollution (fat, oil dust, etc.)
Minimum moving force of
WP witch
40gf (Ensures that the WP switch will not slide while it is
inserted to the connector.)
WP Switch cycles
t.b.d
Above technical information is based on industry standard data and tested to be reliable.
However, Transcend makes no warranty, either expressed or implied, as to its accuracy
and assumes no liability in connection with the use of this product. Transcend reserves the
tight to make changes in specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com