Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESSDC512 Datasheet(PDF) 5 Page - Eorex Corporation

Part # ESSDC512
Description  64MB/128MB/256MB/512MB Secure Digital Card
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

ESSDC512 Datasheet(HTML) 5 Page - Eorex Corporation

  ESSDC512 Datasheet HTML 1Page - Eorex Corporation ESSDC512 Datasheet HTML 2Page - Eorex Corporation ESSDC512 Datasheet HTML 3Page - Eorex Corporation ESSDC512 Datasheet HTML 4Page - Eorex Corporation ESSDC512 Datasheet HTML 5Page - Eorex Corporation ESSDC512 Datasheet HTML 6Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
64MB/128MB/256MB/512MB Secure Digital Card
Eorex Corporation
www.eorex.com
5/6
5. Bus Timing
Parameter
Symbol
Min
Max
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fpp
0
20
MHz
CL<100pF,(7 cards)
Clock frequency Identification Mode (The low freq.
is required for MultiMediaCard compatibility.)
fOD
0
400
KHz
CL<250pF,(21 cards)
tWL
10
ns
CL≤100pF, (7 cards)
Clock low time
50
ns
CL≤250pF, (21 cards)
tWH
10
ns
CL≤100pF, (7 cards)
Clock high time
50
ns
CL≤250pF, (21 cards)
tTLH
10
ns
CL≤100pF, (7 cards)
Clock rise time
50
ns
CL≤250pF, (21 cards)
tTHL
10
ns
CL≤100pF, (7 cards)
Clock fall time
50
ns
CL≤250pF, (21 cards)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
fISU
5
ns
CL<25pF,(1 cards)
Input hold time
fIH
5
ns
CL<25pF,(1 cards)
Outputs CMD, DAT (referenced to CLK)
Output Delay time
fODLY
0
14
ns
CL<25pF,(1 cards)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com