Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3101-X33B Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP3101-X33B
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101-X33B Datasheet(HTML) 1 Page - Eorex Corporation

  EP3101-X33B Datasheet HTML 1Page - Eorex Corporation EP3101-X33B Datasheet HTML 2Page - Eorex Corporation EP3101-X33B Datasheet HTML 3Page - Eorex Corporation EP3101-X33B Datasheet HTML 4Page - Eorex Corporation EP3101-X33B Datasheet HTML 5Page - Eorex Corporation EP3101-X33B Datasheet HTML 6Page - Eorex Corporation EP3101-X33B Datasheet HTML 7Page - Eorex Corporation EP3101-X33B Datasheet HTML 8Page - Eorex Corporation EP3101-X33B Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
eorex
(Preliminary)
EP3101
Jul. 2006
www.eorex.com
1/13
150 KHz, 3A Asynchronous Step-down Converter
Features
• Output Voltage: 3.3V, 5V, 12V and Adjustable
Output Version
• Adjustable Version Output Voltage Range,
1.23V to 37V ±4%
• 150KHz±15% Fixed Switching Frequency
• Voltage Mode Asynchronous PWM Control
• Thermal-shutdown and Current-limit Protection
• ON/OFF Shutdown Control Input
• Operating Voltage can be up to
40V
• Output Load Current: 3A
• Low Power Standby Mode
• Built-in on Chip Switching Transistor
• TO263-5L and TO220-5L Packages
Applications
• Simple High-efficiency Step-down Regulator
• On-card Switching Regulators
• Positive to Negative Converter
Description
The EP310
1 series are monolithic integrated
circuits that provide all the active functions for a
step-down DC/DC converter, capable of driving a
3A load without additional transistor component.
Requiring a minimum number of external
components, the board space can be saved
easily. The external shutdown function can be
controlled by TTL logic level and then come into
standby mode. The internal compensation makes
feedback control have good line and load
regulation without external design. Regarding
protected function, thermal shutdown is to
prevent over temperature operating from damage,
and current limit is against over current operating
of the output switch.
The EP3101 series operates at a switching
frequency of 150KHz thus allowing smaller sized
filter frequency switching regulators. Other
features include a guaranteed ±4% tolerance on
output voltage under specified input voltage and
output load conditions, and ±15 %
on the
oscillator frequency. The output version includes
fixes 3.3V, 5V, 12V, and an adjustable type. The
packages are available in a standard 5-lead
TO-220(T) package and a 5-lead TO-263(U)..
Typical Application


Similar Part No. - EP3101-X33B

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
150 KHz, 3A Asynchronous Step-down Converter
More results

Similar Description - EP3101-X33B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5E2596M GTM-G5E2596M Datasheet
618Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5J2596M GTM-G5J2596M Datasheet
620Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
G5U2596M GTM-G5U2596M Datasheet
616Kb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Eorex Corporation
EP3102 EOREX-EP3102 Datasheet
345Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
logo
SeCoS Halbleitertechnol...
S5E2596M SECOS-S5E2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5J2596M SECOS-S5J2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
S5U2596M SECOS-S5U2596M Datasheet
1Mb / 6P
150 KHz, 3A PWM Step-Down DC/DC Converter
logo
Eorex Corporation
EP3101 EOREX-EP3101_15 Datasheet
435Kb / 13P
150 KHz, 3A Asynchronous Step-down Converter
EP3102 EOREX-EP3102_15 Datasheet
350Kb / 10P
150 KHz, 2A Asynchronous Step-down Converter
logo
E-CMOS Corporation
EC5116 E-CMOS-EC5116 Datasheet
675Kb / 12P
3A, 40V Asynchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com