Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3101-X33B Datasheet(PDF) 11 Page - Eorex Corporation

Part # EP3101-X33B
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101-X33B Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EP3101-X33B Datasheet HTML 5Page - Eorex Corporation EP3101-X33B Datasheet HTML 6Page - Eorex Corporation EP3101-X33B Datasheet HTML 7Page - Eorex Corporation EP3101-X33B Datasheet HTML 8Page - Eorex Corporation EP3101-X33B Datasheet HTML 9Page - Eorex Corporation EP3101-X33B Datasheet HTML 10Page - Eorex Corporation EP3101-X33B Datasheet HTML 11Page - Eorex Corporation EP3101-X33B Datasheet HTML 12Page - Eorex Corporation EP3101-X33B Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
11/13
Delayed Startup
The circuit in Figure 1 uses the EN pin to provide a time delay between the time the input voltage is
applied and the time the output voltage comes up (only the circuitry pertaining to the delayed start up is
shown). As the input voltage rises, the charging of capacitor C1 pulls the EN pin high, keeping the
regulator off. Once the input voltage reaches its final value and the capacitor stops charging, and resistor
R2 pulls the EN pin low, thus allowing the circuit to start switching. Resistor R1 is included to limit the
maximum voltage applied to the EN pin (maximum of 25V), reduces power supply noise sensitivity, and
also limits the capacitor, C1, discharge current. When high input ripple voltage exists, avoid long delay
time, because this ripple can be coupled into the EN pin and cause problems.
This delayed startup feature is useful in situations where the input power source is limited in the amount
of current it can deliver. It allows the input voltage to rise to a higher voltage before the regulator starts
operating. Buck regulators require less input current at higher input voltages.
VIN
GND
CIN
EN
EP3101
680uF
1
53
+
C1
0.1uF
R2
47K
+VIN
R1
47K
Figure 1-Delayed Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com