Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP3101-X33B Datasheet(PDF) 12 Page - Eorex Corporation

Part # EP3101-X33B
Description  150 KHz, 3A Asynchronous Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP3101-X33B Datasheet(HTML) 12 Page - Eorex Corporation

Back Button EP3101-X33B Datasheet HTML 5Page - Eorex Corporation EP3101-X33B Datasheet HTML 6Page - Eorex Corporation EP3101-X33B Datasheet HTML 7Page - Eorex Corporation EP3101-X33B Datasheet HTML 8Page - Eorex Corporation EP3101-X33B Datasheet HTML 9Page - Eorex Corporation EP3101-X33B Datasheet HTML 10Page - Eorex Corporation EP3101-X33B Datasheet HTML 11Page - Eorex Corporation EP3101-X33B Datasheet HTML 12Page - Eorex Corporation EP3101-X33B Datasheet HTML 13Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
eorex
EP3101
Jul. 2006
www.eorex.com
12/13
Package Description
TO263-5L
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
4.07
4.46
4.85
0.160
0.176
0.191
B
0.66
0.84
1.02
0.026
0.033
0.040
c
0.36
0.50
0.64
0.014
0.020
0.025
c1
1.14
1.27
1.40
0.045
0.050
0.055
D
9.78
10.16
10.54
0.385
0.400
0.415
E
8.65
9.15
9.65
0.341
0.360
0.380
e
1.57
1.71
1.85
0.062
0.068
0.073
L
14.61
15.24
15.88
0.575
0.600
0.625
L1
−
−
2.92
−
−
0.115
L2
2.29
2.54
2.79
0.090
0.100
0.110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com