Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27W800
Description  8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W800 Datasheet(HTML) 1 Page - STMicroelectronics

  M27W800 Datasheet HTML 1Page - STMicroelectronics M27W800 Datasheet HTML 2Page - STMicroelectronics M27W800 Datasheet HTML 3Page - STMicroelectronics M27W800 Datasheet HTML 4Page - STMicroelectronics M27W800 Datasheet HTML 5Page - STMicroelectronics M27W800 Datasheet HTML 6Page - STMicroelectronics M27W800 Datasheet HTML 7Page - STMicroelectronics M27W800 Datasheet HTML 8Page - STMicroelectronics M27W800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
March 2000
M27W800
8 Mbit (1Mb x 8 or 512Kb x 16)
Low Voltage UV EPROM and OTP EPROM
s
2.7V to 3.6V LOW VOLTAGE in READ
OPERATION
s
ACCESS TIME:
–90ns at VCC = 3.0V to 3.6V
– 100ns at VCC = 2.7V to 3.6V
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
8 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 30mA at 8MHz
– Standby Current 15µA
s
PROGRAMMING VOLTAGE: 12.5V ± 0.25V
s
PROGRAMMING TIME: 50µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B2h
DESCRIPTION
The M27W800 is a low voltage 8 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage. It is organised as either 1 Mbit
words of 8 bit or 512 Kbit words of 16 bit. The pin-
out is compatible with a 8 Mbit Mask ROM.
The M27W800 operates in the read mode with a
supply voltage as low as 2.7V. The decrease in
operating power allows either a reduction of the
size of the battery or an increase in the time be-
tween battery recharges.
The FDIP42W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written rapidly to
the device by following the programming proce-
dure.
For applications where the content is programmed
only one time and erasure is not required, the
M27W800 is offered in PDIP42 and PLCC44 pack-
age.
1
42
1
42
FDIP42W (F)
PDIP42 (B)
PLCC44 (K)
Figure 1. Logic Diagram
AI03601
19
A0-A18
BYTEVPP
Q0-Q14
VCC
M27W800
G
E
VSS
15
Q15A–1


Similar Part No. - M27W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
21-Apr-2000
M27W801 STMICROELECTRONICS-M27W801 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
21-Apr-2000
M27W801-100B6TR STMICROELECTRONICS-M27W801-100B6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27W801-100C6TR STMICROELECTRONICS-M27W801-100C6TR Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
More results

Similar Description - M27W800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Sep-2000
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
10-Mar-2000
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
21-Apr-2006
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
24-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com