Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDDR4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPDDR4
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPDDR4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPDDR4 Datasheet HTML 3Page - NXP Semiconductors LPDDR4 Datasheet HTML 4Page - NXP Semiconductors LPDDR4 Datasheet HTML 5Page - NXP Semiconductors LPDDR4 Datasheet HTML 6Page - NXP Semiconductors LPDDR4 Datasheet HTML 7Page - NXP Semiconductors LPDDR4 Datasheet HTML 8Page - NXP Semiconductors LPDDR4 Datasheet HTML 9Page - NXP Semiconductors LPDDR4 Datasheet HTML 10Page - NXP Semiconductors LPDDR4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
line used on this connector). See Table 1 for the connector pin chart, and the lines used
in the circuit.
Ref Des
#
Arduino label
PCF2131-ARD function
1
NC
Not used
2
IOREF
Not used
3
RESET
Not used
4
3.3V
3.3 V power supply
5
5V
5 V power supply
6
GND
Power supply return
7
GND
Power supply return
J11 (Power)
8
Vin
Not used
1
A0
PCF_IFS
2
A1
Not used
3
A2
Not used
4
A3
Not used
5
A4 / SDA [1]
I2C_SDA_ARD_1
J6 (analog, digital, I2C)
6
A5 / SCL [1]
I2C_SCL_ARD_1
1
D0 / RX
Not used
2
D1 / TX
Not used
3
D2
Not used
4
D3 / PWM
Not used
5
D4
Not used
6
D5 / PWM
Not used
7
D6 / PWM
Not used
J7 (digital, UART,
PWM) – not mounted -
8
D7
Not used
1
D8
PCF_INTA
2
D9 / PWM
PCF_INTB
3
D10 / SS / PWM
SPI_CE
4
D11 / MOSI / PWM
SPI_MOSI
5
D12 / MISO
SPI_MISO
6
D13 / SCK
SPI_SCK
7
GND
Power supply return
8
AREF
Not used
9
A4 / SDA [1]
I2C_SDA_ARD_0
J12 (mixed)
10 A5 / SCL [1]
I2C_SCL_ARD_0
Table 1. Pin chart of Arduino connectors
[1]
Select the I2C_ARD_0 / I2C_ARD_1 from jumper header J3.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
7 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com