Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDDR4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPDDR4
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPDDR4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPDDR4 Datasheet HTML 8Page - NXP Semiconductors LPDDR4 Datasheet HTML 9Page - NXP Semiconductors LPDDR4 Datasheet HTML 10Page - NXP Semiconductors LPDDR4 Datasheet HTML 11Page - NXP Semiconductors LPDDR4 Datasheet HTML 12Page - NXP Semiconductors LPDDR4 Datasheet HTML 13Page - NXP Semiconductors LPDDR4 Datasheet HTML 14Page - NXP Semiconductors LPDDR4 Datasheet HTML 15Page - NXP Semiconductors LPDDR4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
Arduino 3.3 V
J14.1&2
Adjustable VDD
J14.2&3
Purposes
Yes
When using a microcontroller with Arduino header, and VDD is fixed to
3.3V
Yes
When using an Aardvark/FTDI_C232HM platform as host interface
controller. VDD = 3.3V
Yes
When using an Promira platform as host interface controller. VDD can be
adjusted to 1.2V, 1.8V, 2.5V, 3.3V, and 5V to match with Promira’s level
shift command.
Table 4. Power supply selection
5 Installing and configuring software tools
PCF2131-ARD evaluation board is designed and built as a daughterboard able to work
in conjunction with a motherboard equipped with an Arduino port. The board is fully
compatible with the following NXP Evaluation (EVK) boards:
• IMXRT1050 EVK Board
• LPCXpresso55S69 Development Board
• i.MX 8M Mini LPDDR4 EVK Board
Each of the evaluation/development boards benefits from firmware support which can
be downloaded from www.nxp.com. Before starting, the EVK motherboard must be
programmed with the corresponding firmware package. Additionally, a GUI application
(Windows 10) is also available for download, allowing rapid testing and operation of the
PCF2131-ARD daughterboard through the one of above mentioned EVKs.
For details regarding installation of the EVK firmware and GUI host software on PC,
download the EVK_Firmware_And_GUI_Install_Guide_For_Arduino_Boards.pdf
instruction file from www.nxp.com. Once the software is installed, the first step is to select
from the graphical interface the correct combination EVK – PCF2131-ARD daughtercard,
and then the board can be controlled from the GUI interface. See Section 6 and
Section 7 for more details regarding the operation of PCF2131-ARD from GUI software.
6 Configuring the hardware
6.1 PCF2131-ARD initial hardware setup
The following steps are suggested to setup the hardware before first use:
1. Select the communication bus
a. Select the I2C-bus Arduino source (J3)
b. Select interface jumpers, either using I2C interface (J1) or SPI interface (J2)
2. Place coin battery CR2032 into BT1 battery socket
3. Remove jumper on J9.1&2, and move it to J9.3&4
4. Select correct power supply source on J14. (1&2) = Arduino, (2&3) = Micro USB
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
12 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com