Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPDDR4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPDDR4
Description  PCF2131-ARD evaluation board
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPDDR4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPDDR4 Datasheet HTML 7Page - NXP Semiconductors LPDDR4 Datasheet HTML 8Page - NXP Semiconductors LPDDR4 Datasheet HTML 9Page - NXP Semiconductors LPDDR4 Datasheet HTML 10Page - NXP Semiconductors LPDDR4 Datasheet HTML 11Page - NXP Semiconductors LPDDR4 Datasheet HTML 12Page - NXP Semiconductors LPDDR4 Datasheet HTML 13Page - NXP Semiconductors LPDDR4 Datasheet HTML 14Page - NXP Semiconductors LPDDR4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NXP Semiconductors
UM11597
PCF2131-ARD evaluation board
dongle pullup resistors, and cause the ramp up time on the VDD to change. The
overall power path is illustrated below.
aaa-043567
Rp2
PCF2131
3.3 V
EXTERNAL INTERFACE
TOOL
PCX2131TF EVM
SCL
SDA
VSS
VDD
Rp1
3.3 V
SCL
SDA
R1
VDD_3V3
R2
R/C FILTER
C3
C4
R5
Figure 5. PCF2131-ARD daughterboard, pullup resistors detail
To prevent the dongle from back powering the EVM, the following should be
performed by the user (see Figure 6):
• The interface dongle should be plugged into the EVM after PCX2131TF or EVM is
powered up.
• If a user desires to keep the interface dongle plugged in regardless of the power
state of PCX2131TF, the following steps are recommended:
– Disable the interface dongle’s pullup resistors on the interface pins (SCL/SDA),
either through hardware or software control. Use onboard interface pullup
resistors R1 and R2.
– If the interface dongle’s pullup resistors can’t be disabled, remove the jumpers on
J15 1&2, and 3&4 on the EVM board.
3. BBS monitor:
BBS pin output can be monitored on J9.9
aaa-043568
VDD_5V_IN
VDD_3V3
VDD_3V3_IN
USB_MICRO_B
J5
1
2
3
4
5
R6
100K
R8
200K
1
3
TP1
SILK = VOUT
C5
2.2uF
C6
2.2uF
U2
AP2127K-ADJTRG1
VIN
1
GND
SHUTDOWN
3
NC/ADJ
4
VOUT
5
TP2
SILK = GND
R7
18K
J14
HDR TH 1X3
1
2
3
Figure 6. PCF2131-ARD daughterboard, LDO regulator section
PCX2131TF evaluation board can be powered through two different power sources,
either from Arduino header’s 3.3V directly by selecting J14.1&2, or from an external
micro USB (J5, 5V input) through an adjustable LDO by selecting J14.2&3 (Figure 6).
Note that the Arduino header only supplies fixed 3.3V, and might not be suitable for
evaluating a different power supply range. The on-board LDO can adjust the output
voltage from 1.2V to 5V.
Table 4 summarizes which source to use for different evaluation purposes.
UM11597
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
User manual
Rev. 1.0 — 15 September 2021
11 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com