Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/AX Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF85263ATL/AX
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/AX Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF85263ATL/AX Datasheet HTML 20Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 21Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 22Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 23Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 24Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 25Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 26Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 27Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Remark: Note that all timings are generated from the 32.768 kHz oscillator and are
based on the assumption that there is 0 ppm deviation. Deviation in oscillator frequency
results in deviation in timings. This is not applicable to interface timing.
The WatchDog counts down from a software-loaded 5-bit binary value, WDR[4:0], in
register WatchDog. Loading the counter with 0 stops the WatchDog. Loading the counter
with a non-0 value starts the counter. Values from 1 to 31 are allowed.
aaa-009584
03
02
01
03
02
01
03
02
01
03
WDR counts
WDR counts
03
00
countdown value, WDR
WatchDog clock
counter
WDF
INTA or INTB
duration of first WatchDog period after start
may range from WDR to WDR -1 counts
00
In this example, it is assumed that the WatchDog flag (WDF) is cleared before the next
WatchDog period expires and that the interrupt output is set to pulsed mode.
Figure 15. WatchDog repeat mode
If a new value of WDR[4:0] is written before the end of the current WatchDog period, then
this value takes immediate effect.
When starting the timer for the first time or when reloading WDR[4:0] before the
end of the current period, the first period has an uncertainty of maximum one count.
The uncertainty is a result of loading the WDR[4:0] from the interface clock which is
asynchronous from the WatchDog source clock. Subsequent WatchDog periods do not
have such variation.
Reading the WatchDog register returns the current value of the WatchDog counter
(see Figure 15) and
not the initial value WDR[4:0]. Since it is not possible to freeze the
WatchDog counter during read back, it is recommended to read the register twice and
check for consistent results.
7.5.1.1 WatchDog repeat mode
In repeat mode, at the end of every WatchDog period, the WatchDog flag (bit WDF in the
Flags register, Section 7.14) is set and the counter automatically reloads and starts the
next WatchDog period. An example is given in Figure 15. The asserted bit WDF can be
used to generate an interrupt. Bit WDF can only be cleared by command.
7.5.1.2 WatchDog single shot mode
In single shot mode, at the end of the countdown period, the WatchDog flag (bit WDF
in the Flags register, Section 7.14) is set and the counter stops with the value 0. The
WatchDog register must be reloaded to start another WatchDog period.
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
24 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com