Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/AX Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF85263ATL/AX
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/AX Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF85263ATL/AX Datasheet HTML 7Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 8Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 9Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 10Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 11Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 12Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 13Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 14Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
100th_seconds
[1]
0 to 9
0 to 9
01h
Seconds
OS
0 to 5
0 to 9
02h
Minutes
EMON 0 to 5
0 to 9
AMPM 0 to 1 0 to 9
03h
Hours [2]
-
-
0 to 2
0 to 9
04h
Days [3]
-
-
0 to 3
0 to 9
05h
Weekdays
-
-
-
-
-
0 to 6
06h
Months
-
-
-
0 to 1 0 to 9
07h
Years
0 to 9
0 to 9
Table 7. Time and date registers in RTC mode (RTCM = 0)
[1]
The 100th_seconds register is only available when the 100TH mode is enabled, see Section 7.13.1. When the 100TH
mode is disabled, this register always returns 0.
[2]
Hour mode is set by the 12_24 bit in the Oscillator register, see Section 7.10.
[3]
If the year counter contains a value, which is exactly divisible by 4, the PCF85263A compensates for leap years by adding
a 29th day to February.
7.2.1 Definition of BCD
The Binary-Coded Decimal (BCD) is an encoding of numbers where each digit is
represented by a separate bit field. Each bit field may only contain the values 0 to 9. In
this way, decimal numbers and counting is implemented.
Example: 59 encoded as an entire number is represented by 3Bh or 11 1011. In BCD the
5 is represented as 5h or 0101 and the 9 as 9h or 1001 which combines to 59h.
Upper-digit (ten’s place)
Digit (unit place)
Value in
decimal
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
0
0
0
0
0
0
0
01
0
0
0
1
0
0
0
1
02
0
0
1
0
0
0
1
0
:
:
:
:
:
:
:
:
:
09
1
0
0
1
1
0
0
1
10
0
0
0
0
0
0
0
0
:
:
:
:
:
:
:
:
:
98
1
0
0
1
1
0
0
0
99
1
0
0
1
1
0
0
1
Table 8. BCD coding
7.2.2 OS: Oscillator stop
When the oscillator of the PCF85263A is stopped, the OS status bit is set. The oscillator
can be stopped, for example, by connecting one of the oscillator pins OSCI or OSCO to
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
11 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com