Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATL/AX Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF85263ATL/AX
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATL/AX Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF85263ATL/AX Datasheet HTML 24Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 25Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 26Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 27Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 28Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 29Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 30Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 31Page - NXP Semiconductors PCF85263ATL/AX Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
NXP Semiconductors
PCF85263A
Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
TS pin(1)
t1
t2
t3
t4
t5
FE, LE
LE
LE
FE, LE
LE
TSR2 = t1
TSR2 = t2
TSR2 set to last
TS pin event, LE
TSR1 set to first
TS pin event, FE
TSR2 = t3
TSR2 = t4
TSR2 = t5
TSR3 = t1
no change
no change
no change
TSR3 = t4
event type
event time
aaa-009604
timestamp1 flag, TSR1F
flag cleared by interface
1. TS pin set to active HIGH (TSL = 0), see register Pin_IO (address 27h).
Figure 19. Example TS pin driven timestamp
The recorded time is stored in the associated timestamp register. The time format
depends on the RTC mode. The timestamp registers follows the time format of the time
registers.
Bit positions labeled as - are not implemented and return 0 when read.
Upper-digit (ten’s place)
Digit (unit place)
Address Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RTC timestamp1 (TSR1)
11h
TSR1_seconds
-
0 to 5
0 to 9
12h
TSR1_minutes
-
0 to 5
0 to 9
AMPM 0 to 1 0 to 9
13h
TSR1_hours
-
-
0 to 2
0 to 9
14h
TSR1_days
-
-
0 to 3
0 to 9
15h
TSR1_months
-
-
-
0 to 1 0 to 9
16h
TSR1_years
0 to 9
0 to 9
RTC timestamp2 (TSR2)
17h
TSR2_seconds
-
0 to 5
0 to 9
18h
TSR2_minutes
-
0 to 5
0 to 9
AMPM 0 to 1 0 to 9
19h
TSR2_hours
-
-
0 to 2
0 to 9
1Ah
TSR2_days
-
-
0 to 3
0 to 9
1Bh
TSR2_months
-
-
-
0 to 1 0 to 9
1Ch
TSR2_years
0 to 9
0 to 9
RTC timestamp3 (TSR3)
1Dh
TSR3_seconds
-
0 to 5
0 to 9
Table 20. Timestamp registers in RTC mode (RTCM = 0)
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 5 — 1 February 2021
28 / 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com