Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-IB Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # LS8-IB
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-IB Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button LS8-IB Datasheet HTML 5Page - PANDUIT CORP. LS8-IB Datasheet HTML 6Page - PANDUIT CORP. LS8-IB Datasheet HTML 7Page - PANDUIT CORP. LS8-IB Datasheet HTML 8Page - PANDUIT CORP. LS8-IB Datasheet HTML 9Page - PANDUIT CORP. LS8-IB Datasheet HTML 10Page - PANDUIT CORP. LS8-IB Datasheet HTML 11Page - PANDUIT CORP. LS8-IB Datasheet HTML 12Page - PANDUIT CORP. LS8-IB Datasheet HTML 13Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
7
For service and technical support, call 800-777-3300 or visit www.panduit.com
Mini-Com ® Ultimate ID ® Sloped Snap-On Faceplates
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory) or WH (White).
UIT70FH2
UIT70FV2
UIT70FH4
UIT70FV4
• Sloped Snap-On Faceplates for use with Panduit®
Mini-Com ® Modules and T-70, Twin-70, Pan-Pole™ Outlet
Pole and Fast-Snap™ Outlet Boxes.
• For use with Panduit raceway: LD, T-45, T-70, Twin-70,
TG-70, Pan-Pole ™ Outlet Pole and Fast-Snap™ Outlet Boxes
• Snap into raceway channel or outlet box and requires no
additional mounting hardware or adapters – greatly reducing
installation time
• Meet stringent UL5A standard for non-metallic raceways
• Accept Mini-Com ® Modules for STP and UTP, fiber optic and
audio/video, which snap in and out for easy moves, adds,
and changes
• Can be clearly identified with the PanTher™ LS8E
Hand-Held Thermal Transfer Printers
• Non-adhesive computer printable label sheets for desktop
printers and write-on labels available.
• Supplied with clear station and port label covers, labels
sold separately
• Replacement label covers available
• Optional icons available
• Ultimate ID ® Components are part of a complete system for
identification designed to efficiently support TIA/EIA-606-A
standard labeling requirements
Part Number
Part Description
Labels
Required*
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UIT70FH2IW
Single gang, horizontal sloped
communication snap-on faceplate accepts
up to two Mini-Com ® Modules.
One 1-Port
One 2-Port
Off White
1
10
UIT70FH4IW
Single gang, horizontal sloped
communication snap-on faceplate accepts
up to four Mini-Com ® Modules.
One 1-Port
One 4-Port
Off White
1
10
UIT70FV2IW
Single gang, vertical sloped communication
snap-on faceplate accepts up to two
Mini-Com ® Modules.
One 1-Port
One 2-Port
Off White
1
10
UIT70FV4IW
Single gang, vertical sloped communication
snap-on faceplate accepts up to four
Mini-Com ® Modules.
One 1-Port
Two 2-Port
Off White
1
10
Mini-Com ® Ultimate ID ® Surface Mount Boxes
• Ultimate ID ® Components are part of a complete system for
identification designed to efficiently support TIA/EIA-606-A
standard labeling requirements
• Accept Mini-Com ® Modules for STP and UTP, fiber optic and
audio/video, which snap in and out for easy moves, adds,
and changes
• Supplied with color coordinated screw cover and clear
station and port label covers
• Can be clearly identified with PanTher ™ LS8E Hand-Held
Thermal Transfer Printer
• 4-port box includes adjustable mounting tabs that enable a
range of modular furniture partitions to be used for mounting
the box, maximum panel thickness .08''
• Non-adhesive computer printable label sheets for desktop
printers and write-on labels available
• Replacement screw covers and label covers available
• Optional Icons available
• Custom mounting screws included
• Mount easily with supplied mounting screws, adhesive
tape or optional magnet
• Labels sold separately
‡For other colors replace suffix IW (Off White) with IG (International Gray), WH (White) or EI (Electric Ivory).
UICBX2IW-A
UICBX4IW-A
Part Number
Part Description
Color‡
Labels
Required*
Used with
Pan-Way ®
Raceway
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
UICBX2IW-A
Surface mount box accepts two
Mini-Com ® Modules. Dimensions:
1.06"H x 1.95"W x 3.65"L
(26.92mm H x 49.53mm W x
92.71mm L). Compatible with
optional magnet (CBM-X).
Off
White
One
1-Port
One
2-Port
LD3
1
10
UICBX4IW-A
Surface mount box accepts four
Mini-Com ® Modules. Dimensions:
1.06"H x 3.69"W x 4.59"L
(26.92mm H x 93.73mm W x
116.59mm L). Compatible with
optional magnet (CSBM-X).
Off
White
One
1-Port
One
4-Port
LD3, LD5
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com