Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-IB Datasheet(PDF) 23 Page - PANDUIT CORP.

Part # LS8-IB
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-IB Datasheet(HTML) 23 Page - PANDUIT CORP.

Back Button LS8-IB Datasheet HTML 19Page - PANDUIT CORP. LS8-IB Datasheet HTML 20Page - PANDUIT CORP. LS8-IB Datasheet HTML 21Page - PANDUIT CORP. LS8-IB Datasheet HTML 22Page - PANDUIT CORP. LS8-IB Datasheet HTML 23Page - PANDUIT CORP. LS8-IB Datasheet HTML 24Page - PANDUIT CORP. LS8-IB Datasheet HTML 25Page - PANDUIT CORP. LS8-IB Datasheet HTML 26Page - PANDUIT CORP. LS8-IB Datasheet HTML 27Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
21
For service and technical support, call 800-777-3300 or visit www.panduit.com
• Compact, lightweight design enables use in office or
remote locations
• 300 dpi thermal transfer printer creates crisp, clear
legends with superior legibility
• Up to 2.00" per second print speed for fast label
production
• Use to print a wide variety of self-laminating labels,
component labels, non-laminated labels, heat shrink
labels, marker plates and continuous tapes up to
4.00" wide
• Easy-Mark ™ Labeling Software and hybrid ribbon included
with printer
• Compatible with most standard PCs
TDP43MY Desktop Thermal Transfer Printer and Accessories
TDP43MY
TDP43M-CASE
Part Number
Part Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TDP43MY
300 dpi printer; includes printer, Panduit® Easy-Mark ™ Labeling Software, RMH4BL hybrid black
ribbon, AC power adapter with US and Europlug power cords, manual and quick start card.
1—
TDP43M-RS
External label roll stand – used to rear feed labels that are supplied on 3.00" cores, such as
photoluminescent tape.
1—
TDP43M-CASE
Hardside carrying case. Accommodates printer, AC power adapter, ribbons, printer cable, labels
and tools.
1—
TDP43M-ACY
Replacement AC power adapter with power cord (US cord only).
1
—
PTR-CLN
Printer cleaning kit – contains bottle of cleaning solution with MSDS, cleaning pen, swabs, alcohol
wipes and cleaning instructions.
1—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com