Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8-IB Datasheet(PDF) 15 Page - PANDUIT CORP.

Part # LS8-IB
Description  TIA/EIA-606-A Labeling Compliance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8-IB Datasheet(HTML) 15 Page - PANDUIT CORP.

Back Button LS8-IB Datasheet HTML 11Page - PANDUIT CORP. LS8-IB Datasheet HTML 12Page - PANDUIT CORP. LS8-IB Datasheet HTML 13Page - PANDUIT CORP. LS8-IB Datasheet HTML 14Page - PANDUIT CORP. LS8-IB Datasheet HTML 15Page - PANDUIT CORP. LS8-IB Datasheet HTML 16Page - PANDUIT CORP. LS8-IB Datasheet HTML 17Page - PANDUIT CORP. LS8-IB Datasheet HTML 18Page - PANDUIT CORP. LS8-IB Datasheet HTML 19Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
13
For service and technical support, call 800-777-3300 or visit www.panduit.com
Desktop Laser/Ink Jet Labels
Order number of sheets required in multiples of Standard Package Quantity
For Electrical Ivory labels, add EI at end of part number.
For detailed information on Ultimate ID ® Patch Panels and Labeling Solutions, request the Physical Infrastructure Systems catalog, SA-NCCB51.
PanTher ™ LS8E Hand-Held Thermal Transfer Printer Label Cassette
Order number of cassettes required.
Ultimate ID ® Network Labeling System
*Minimum 2" overlap required to achieve loop tensile rating on UIHL (Hook and Loop) parts. Marker ties shown
include labels installed, labels sold separately.
**Order number of pieces required, in multiples of Standard Package Quantity
Marker Ties
Part Number
Part Description
Width
Height
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
UILJ2
White, non-adhesive polyester labels, 132 per
sheet, 2-port labels.
1.315
33.40
.236
6.00
5
50
Part Number
Part Description
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
UILS8BW
White, non-adhesive polyester label cassette.
.236
6.0
25.0
7.6
1
10
Part Number
Tie
Length
(In.)
Max.
Bundle
Diameter
(In.)
Min.
Loop Tensile
Strength
(Lbs.)*
Material
Std.
Pkg.
Qty.**
Std.
Ctn.
Qty.
UICBM1M-C
4.4
1.00
18
Nylon 6.6
100
1000
UIHL12-X0
5.6
1.00
15
Hook and loop
10
100
UIHL22-X0
5.6
1.00
15/tie
Hook and loop
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com