Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH120 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics TSH120 Datasheet HTML 11Page - STMicroelectronics TSH120 Datasheet HTML 12Page - STMicroelectronics TSH120 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSH120
Power supply considerations
9/13
4
Power supply considerations
Correct power supply bypassing is very important for optimizing performance in the high-
frequency range. A bypass capacitor greater than 10
μF is necessary to minimize the
distortion. For better quality bypassing at higher frequencies, a capacitor of 10nF must be
added as close as possible to the IC pin of VCC.
Figure 20.
Circuit for power supply bypassing
Figure 21 shows the noise supply rejection improvement with bypass capacitors expressed
by:
20 log (
ΔVout / ΔVCC).
Figure 21.
Noise supply rejection
+V
CC
C
LF=10 F
+
C
HF=10nF
TSH120
+V
CC
C
LF=10 F
+
C
HF=10nF
TSH120
10k
100k
1M
10M
100M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=+3.3Vdc+0.2Vac
Load=150
Ω
C
LF
=10uF
C
HF
=100nF
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com