Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH120 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics TSH120 Datasheet HTML 10Page - STMicroelectronics TSH120 Datasheet HTML 11Page - STMicroelectronics TSH120 Datasheet HTML 12Page - STMicroelectronics TSH120 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSH120
Package information
11/13
Figure 23.
SC70-6 (or SOT323-6) package mechanical data
Ref
Dimensions
Millimeters
Mils
Min
Typ
Max
Min
Typ
Max
A
0.80
1.10
31.5
43.3
A1
00.10
0
3.9
A2
0.80
1.00
31.5
39.3
b
0.15
0.30
5.9
11.8
c
0.10
0.18
3.9
7.0
D
1.80
2.20
70.8
86.6
E
1.15
1.35
45.2
43.1
e
0.65
25.6
HE
1.8
2.4
70.8
94.5
L
0.10
0.40
3.9
15.7
Q1
0.10
0.40
3.9
15.7
Q1
A1
C
D
b
ee



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com