Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH120 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH120
Description  2.2V to 5V video buffer with SAG correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH120 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH120 Datasheet HTML 1Page - STMicroelectronics TSH120 Datasheet HTML 2Page - STMicroelectronics TSH120 Datasheet HTML 3Page - STMicroelectronics TSH120 Datasheet HTML 4Page - STMicroelectronics TSH120 Datasheet HTML 5Page - STMicroelectronics TSH120 Datasheet HTML 6Page - STMicroelectronics TSH120 Datasheet HTML 7Page - STMicroelectronics TSH120 Datasheet HTML 8Page - STMicroelectronics TSH120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSH120
Electrical characteristics
5/13
Figure 1.
Frequency response
Figure 2.
Gain flatness
100k
1M
10M
100M
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
27MHz
Vcc=+3.3V
Vcc=+5V
Vcc=+2.5V
Frequency (Hz)
100k
1M
10M
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
Vcc=+3.3V
Load=150
Ω
Frequency (Hz)
Figure 3.
Total input noise vs. frequency
Figure 4.
Distortion on 150
Ω load
10
100
1k
10k
100k
1M
10M
0
100
200
300
400
500
No load
Input to GND
Vcc=+3.3V
Frequency (Hz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-70
-60
-50
-40
-30
-20
H3
H2
Vcc=+3.3V
Vicm=0.5V
F=1MHz
Load=150
Ω
Output Amplitude (Vp-p)
Figure 5.
Output voltage swing vs. supply
2.02.5
3.03.5
4.04.5
5.05.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
F=1MHz
Load=150
Ω
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com