Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MF0
Description  Metal Film Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page-2
1. PRODUCT:
METAL FILM RESISTORS
2.
PART NUMBER:
Part number of the metal film resistor is identified by the name, power, tolerance, packing, temperature
coefficient, special type and resistance value.
Example:
MF0
207
F
T
E
52-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Series Power Resistance Packing Temperature Special Resistance
Name Rating Tolerance
Style
Coefficient
Type
Value
of Resistance
(1) Style: MFR SERIES
(2) Power Rating: 204 = 0.4W、207 = 0.6W
(3) Tolerance: B=±0.1% C=±0.25% D=±0.5% F=±1%
(4) Packaging Type:
R=Paper Taping Reel
T=Tape on Box Packing
B=Bulk Packing
(5) Temperature Coefficient:C= ±15PPM D= ±25PPM
E = ±50PPM
(6) Special Type:
26- = 26mm
52- = 52.4mm
M = M-Type Forming for Bulk
MT = M-Type Forming for Taping ( Rated 0204 size only )
FT = F-Type Forming for Taping ( Rated 0207 size only )
PN = PANAsert ( Rated 0207 size only )
AV = Avlsert ( Rated 0207 size only )
(7) Resistance Value:E24 & E96 Series ( for±1% )
Example:1R、10R、100R、10K、100K、330K、1M……



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com