Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF0 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF0
Description  Metal Film Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF0 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page-5
(5) Solderability
Immerse the specimen into the solder pot at 235 ± 5 °C for 5 ± 0.5 seconds.
At least 95% solder coverage on the termination.
(6) Resistance to Solvent
The specimen into the appropriate solvent of IPA condition of ultrasonic machine for 1 minutes.
The specimen is no deterioration of coatings and color code.
(7) Terminal Strength
Direct Load – Resistors shall be held by one terminal and the load shall be gradually applied in the
direction of the longitudinal axis of the resistor unit the applied load reacheds 5 pounds。
The load shall be held for 10 seconds. The load of weight shall be ≧ 2.5 kg ( 24.5N ).
(8) Pulse Overload
Apply 4 times of rated voltage to the specimen at the 1 second on and 25 seconds off cycle, subjected
to voltage application cycles specified in 10,000 time。
The change of the resistance value shall be within ± 1.0% + 0.05 Ω
(9) Load Life in Humidity
Place the specimen in a test chamber at 40 ± 2 °C and 90 ~ 95 % relative humidity. Apply the rated
voltage to the specimen at the 1.5 hours on and 0.5 hour off cycle. The total length of test is 1,000 hours
The change of the resistance value shall be within ± 1.5 % + 0.05 Ω
(10) Load Life Test
Placed in the constant temperature chamber of 70 ± 3 °C the resistor shall be connected to the lead wire
at the point of 25mm. Length with each terminal, the resistors shall be arranged not much effected
mutually by the temperature of the resistors and the excessive ventilation shall not be performed, for 90
minutes on and 30 minutes off under this condition the rated D.C. voltage is applied continuously for
1000+48/-0 hours then left at no-load for 1hour, measured at this time the resistance value。
The change of the resistance value shall be within ± 1.5 % + 0.05 Ω.
There shall be no remarkable change in the appearance and the color code shall be legible after the test.
(11) Temperature Cycling Test
The temperature cycle shown in the following table shall be repeated 5 times consecutively. The
measurement of the resistance value is done before the first cycle and after ending the fifth cycle,
leaving in the room temperature for about 1 hour。
Temperature Cycling Conditions:
Step
Temperature(°C)
Time (minute)
1
-55 ± 3
30
2
25 ± 3
2 ~ 3
3
155 ± 3
30
4
25 ± 3
2 ~ 3
The change of the resistance value shall be within ± 0.75 % + 0.05 Ω
After the test the resistor shall be free from the electrical or mechanical damage.
(12) Resistance to Soldering Heat
The terminal lead shall be dipped into the solder pot at 350 ± 10 °C for 3 ± 0.5 seconds up to 2 ~ 2.5 mm.
The change of the resistance value shall be within ± 0.25 % + 0.05 Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com