Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF0 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MF0
Description  Metal Film Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF0 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MF0 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page-3
3. BAND-CODE:
COLOR
1ST BAND
2ND BAND
3ND BAND
MULTIPLIER
TOLERANCE
BLACK
00
0
1Ω
BROWN
11
1
10Ω
± 1 % ( F )
RED
22
2
100Ω
ORANGE
33
3
1KΩ
YELLOW
4
4
4
10KΩ
GREEN
5
5
5
100K
± 0.5 % ( D )
BLUE
66
6
1MΩ
± 0.25 % ( C )
VIOLET
7
7
7
10MΩ
± 0.1 % ( B )
GREY
8
8
8
WHITE
9
9
9
GOLD
0.1Ω
SILVER
0.01Ω
4. ELECTRICAL CHARACTERISTICS
STYLE
MF0204
MF0207
Power Rating at 70 ℃
0.4W
0.6W
Maximum Working Voltage
200V
300V
Maximum Overload Voltage
400V
600V
Dielectric Withstanding Voltage
300V
500V
Operating Temp. Range
- 55 ℃ to + 155 ℃
Standard
Value Range
1 0Ω ~ 1 M Ω for E24 & R96 series value
Minimum Value Range
1 Ω
0.2 Ω
Temperature Coefficient
±
50 ppm /℃
*
Standard resistance is 10
Ω~ 1MΩ, below or over this resistance on request.
5. DERATING CURVE
Rated Load (%)
70℃
100
80
60
40
20
20
40
60
80
100
120
140
155
180
Ambient Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com