Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16B Datasheet(PDF) 2 Page - STMicroelectronics

Part # M28C16B
Description  16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16B Datasheet(HTML) 2 Page - STMicroelectronics

  M28C16B Datasheet HTML 1Page - STMicroelectronics M28C16B Datasheet HTML 2Page - STMicroelectronics M28C16B Datasheet HTML 3Page - STMicroelectronics M28C16B Datasheet HTML 4Page - STMicroelectronics M28C16B Datasheet HTML 5Page - STMicroelectronics M28C16B Datasheet HTML 6Page - STMicroelectronics M28C16B Datasheet HTML 7Page - STMicroelectronics M28C16B Datasheet HTML 8Page - STMicroelectronics M28C16B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
M28C16B, M28C17B
2/17
Figure 2A. PLLC Connections
Note: 1. NC = Not Connected
AI02817
A8
A10
17
A0
NC
DQ0
A6
A3
A2
A1
A5
A4
9
A9
1
NC
DQ6
DQ7
32
M28C16B
NC
G
E
25
Figure 2B. PLLC Connections
Note: 1. NC = Not Connected
AI02830
A8
A10
17
A0
NC
DQ0
A6
A3
A2
A1
A5
A4
9
A9
1
NC
DQ6
DQ7
32
M28C17B
NC
G
E
25
The M28C17B is like the M28C16B in every way,
except that it has an extra ready/busy (RB) output.
The device has been designed to offer a flexible
microcontroller interface, featuring software hand-
shaking, with Data Polling and Toggle Bit. The de-
vice supports a 64 byte Page Write operation.
Software Data Protection (SDP) is also supported,
using the standard JEDEC algorithm.
SIGNAL DESCRIPTION
The external connections to the device are sum-
marized in Table 1, and their use in Table 3.
Addresses (A0-A10). The address inputs are
used to select one byte from the memory array
during a read or write operation.
Data In/Out (DQ0-DQ7). The contents of the data
byte are written to, or read from, the memory array
through the Data I/O pins.
Chip Enable (E). The chip enable input must be
held low to enable read and write operations.
When Chip Enable is high, power consumption is
reduced.
Output Enable (G). The Output Enable input con-
trols the data output buffers, and is used to initiate
read operations.
Write Enable (W). The Write Enable input controls
whether the addressed location is to be read, from
or written to.
Ready/Busy (RB). Ready/Busy (on the M28C17B
only) is an open drain output that can be used to
detect the end of the internal write cycle.
DEVICE OPERATION
In order to prevent data corruption and inadvertent
write operations, an internal VCC comparator in-
hibits the Write operations if the VCC voltage is
lower than VWI (see Table 4A). Once the voltage
applied on the VCC pin goes over the VWI thresh-
old (VCC>VWI), write access to the memory is al-
lowed after a time-out tPUW, as specified in Table
4A.
Further protection against data corruption is of-
fered by the E and W low pass filters: any glitch,
on the E and W inputs, with a pulse width less than
10 ns (typical) is internally filtered out to prevent
inadvertent write operations to the memory.
Read
The device is accessed like a static RAM. When E
and G are low, and W is high, the contents of the
addressed location are presented on the I/O pins.
Otherwise, when either G or E is high, the I/O pins
revert to their high impedance state.
Write
Write operations are initiated when both W and E
are low and G is high. The device supports both
W-controlled and E-controlled write cycles (as
shown in Figure 11 and Figure 12). The address is
latched during the falling edge of W or E (which
ever occurs later) and the data is latched on the
rising edge of W or E (which ever occurs first). Af-
ter a delay, tWLQ5H, that cannot be shorter than the
value specified in Table 10A, the internal write cy-
cle starts. It continues, under internal timing con-
trol, until the write operation is complete. The
commencement of this period can be detected by
reading the Page Load Timer Status on DQ5. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com