Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16B Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28C16B
Description  16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16B Datasheet(HTML) 3 Page - STMicroelectronics

  M28C16B Datasheet HTML 1Page - STMicroelectronics M28C16B Datasheet HTML 2Page - STMicroelectronics M28C16B Datasheet HTML 3Page - STMicroelectronics M28C16B Datasheet HTML 4Page - STMicroelectronics M28C16B Datasheet HTML 5Page - STMicroelectronics M28C16B Datasheet HTML 6Page - STMicroelectronics M28C16B Datasheet HTML 7Page - STMicroelectronics M28C16B Datasheet HTML 8Page - STMicroelectronics M28C16B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
M28C16B, M28C17B
Figure 3. Block Diagram
AI02818
ADDRESS
LATCH
A6-A10
(Page Address)
CONTROL LOGIC
16K ARRAY
ADDRESS
LATCH
A0-A5
Y DECODE
VPP GEN
RESET
SENSE AND DATA LATCH
I/O BUFFERS
EG
W
PAGE LOAD
TIMER STATUS
TOGGLE BIT
DATA POLLING
DQ0-DQ7
Table 2. Absolute Maximum Ratings 1
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the ST SURE Program and other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100 pF, 1500
Ω)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
-40 to 125
°C
TSTG
Storage Temperature
-65 to 150
°C
VCC
Supply Voltage
-0.3 to 6.5
V
VIO
Input or Output Voltage
-0.6 to VCC+0.6
V
VI
Input Voltage
-0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com